Electronic Components Datasheet Search
  English  ▼

X  

2SA1965-S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA1965-S
Description  Muting Circuit Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1965-S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA1965-S Datasheet HTML 1Page - Sanyo Semicon Device 2SA1965-S Datasheet HTML 2Page - Sanyo Semicon Device 2SA1965-S Datasheet HTML 3Page - Sanyo Semicon Device 2SA1965-S Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1965-S
No. A1085-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--10mA, IB=--1mA
--16
--35
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--10mA, IB=--1mA
--0.75
--1.1
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--15
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--10
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--5
V
On Resistance
Ron
IB=--3mA, f=1MHz
1.2
Ω
Package Dimensions
unit : mm (typ)
7029-002
0.25
0.2
1.4
0.45
1
3
2
0.1
2
3
1
Top View
Bottom View
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IB=0μA
--20
0
0
--0.4
--1.2
--1.6
--0.8
--2.0
ITR05035
--100
--40
--60
--80
--450
μA
--400μ
A
--350
μA
--300μA
--250μA
--200μA
--150μA
--100
μA
--50
μA
IB=0μA
--2
0
0
--1
--2
--3
--4
--5
ITR05036
--10
--4
--6
--8
--20μ
A
--18μA
--16μA
--14μA
--12μA
--10μA
--8
μA
--6
μA
--4
μA
--2
μA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com