Electronic Components Datasheet Search
  English  ▼

X  

ECV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ECV
Description  Aluminum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECV Datasheet(HTML) 3 Page - Vishay Siliconix

  ECV Datasheet HTML 1Page - Vishay Siliconix ECV Datasheet HTML 2Page - Vishay Siliconix ECV Datasheet HTML 3Page - Vishay Siliconix ECV Datasheet HTML 4Page - Vishay Siliconix ECV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 25003
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 13-Nov-08
285
ECV
Aluminum Capacitors
Vishay Roederstein
REFLOW SOLDERING CONDITIONS FOR SMD ALUMINUM ELECTROLYTIC CAPACITORS
25
22
6.3 x 5.8
0.14
8.44
38
0.30
MALSECV00AD222EARK
33
6.3 x 5.8
0.14
5.63
48
0.30
MALSECV00AD233EARK
47
8 x 6.2
0.16
4.52
79
0.55
MALSECV00AE247EARK
100
8 x 10
0.16
2.12
181
1.00
MALSECV00AF310EARK
330
10 x 10
0.16
0.64
372
1.21
MALSECV00AG333EARK
470
10 x 10
0.16
0.45
450
1.21
MALSECV00AG347EARK
680
12.5 x 13.5
0.16
0.31
500
2.00
MALSECV00AH368EARK
35
10
5 x 5.3
0.12
15.92
24
0.17
MALSECV00BC210FARK
22
6.3 x 5.8
0.12
7.23
42
0.30
MALSECV00AD222FARK
33
8 x 6.2
0.13
5.22
76
0.55
MALSECV00AE233FARK
47
8 x 10
0.13
3.67
124
1.00
MALSECV00AF247FARK
220
10 x 10
0.13
0.78
450
1.21
MALSECV00AG322FARK
330
12.5 x 13.5
0.13
0.52
500
2.00
MALSECV00AH333FARK
470
12.5 x 13.5
0.13
0.37
600
2.00
MALSECV00AH347FARK
50
10
6.3 x 5.8
0.10
13.26
30
0.30
MALSECV00AD210HARK
22
8 x 6.2
0.12
7.23
67
0.55
MALSECV00AE222HARK
33
8 x 10
0.12
4.82
133
1.00
MALSECV00AF233HARK
47
10 x 10
0.12
3.39
180
1.21
MALSECV00AG247HARK
100
10 x 10
0.12
1.59
310
1.21
MALSECV00AG310HARK
220
12.5 x 13.5
0.12
0.72
480
2.00
MALSECV00AH322HARK
PROFILE FEATURE
SOLDERING CONDITION
Ø 4 ~ Ø 10
Ø 12.5
Ø 16
Average ramp-up rate (TL to TP)
3 °C/s max.
3 °C/s max.
Preheat
Temperature min. (Ts min.)
150 °C
150 °C
Temperature max. (Ts max.)
200 °C
200 °C
Time (Ts min. to Ts max.)
60 ~ 150 s
40 ~ 120 s
40 ~ 100 s
Ts max. to TL
Ramp-up rate
3 °C/s max.
3 °C/s max.
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
DxL
(mm)
tan
δ
120 Hz
RESR
120 Hz/20 °C
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
Ramp-up
Ramp-down
T
s min.
T
s max.
t
s
Preheat
tP
tL
TP
Critical Zone
TL to TP
t 25 °C to Peak
Time
TL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com