Electronic Components Datasheet Search
  English  ▼

X  

EB020GD247JB0W Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EB020GD247JB0W
Description  Aluminum Capacitors Axial Non-Polar Capacitor Styles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB020GD247JB0W Datasheet(HTML) 5 Page - Vishay Siliconix

  EB020GD247JB0W Datasheet HTML 1Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 2Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 3Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 4Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 5Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 6Page - Vishay Siliconix EB020GD247JB0W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 25117
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 11-Jun-08
5
EBU/EBT
Aluminum Capacitors
Axial Non-Polar Capacitor Styles
Vishay Roederstein
MAXIMUM DISSIPATION FACTOR tan
δ VS. FREQUENCY f - EBT
UR
(V)
CR
1 kHz
(µF)
Ueff
(V)
FREQUENCY f (kHz)
0.05
0.1
0.2
0.5
1
2
5
10
20
2.2
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
3.3
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
40
4.7
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
6.8
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
10.0
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
15.0
15
0.050
0.060
0.065
0.070
0.080
0.13
0.24
0.40
0.72
2.2
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
3.3
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
63
4.7
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
6.8
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
10.0
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
2.2
35
0.060
0.070
0.075
0.080
0.085
0.12
0.23
0.32
0.56
100
3.3
35
0.060
0.070
0.075
0.080
0.085
0.12
0.23
0.32
0.56
4.7
35
0.060
0.070
0.075
0.080
0.085
0.12
0.23
0.32
0.56
MAXIMUM EQUIVALENT SERIES RESISTANCE RESR (Ω) VERSUS FREQUENCY f - EBT
UR
(V)
CR
1 kHz
(µF)
Ueff
(V)
FREQUENCY f (kHz)
0.05
0.1
0.2
0.5
1
2
5
10
20
2.2
15
101.0
58.00
31.00
13.00
6.90
5.00
4.10
3.20
2.70
3.3
15
68.0
38.00
21.00
8.80
4.60
3.30
2.70
2.10
1.80
40
4.7
15
47.0
27.00
15.00
6.20
3.20
2.30
1.90
1.50
1.30
6.8
15
33.0
19.00
10.00
4.30
2.20
1.60
1.30
1.00
0.90
10.0
15
22.0
13.00
6.80
2.90
1.50
1.10
0.90
0.70
0.60
15.0
15
10.6
6.40
3.50
1.50
0.85
0.67
0.53
0.47
0.40
2.2
23
94.0
54.00
29.00
12.00
6.40
4.50
3.60
2.70
2.30
3.3
23
63.0
36.00
19.00
8.20
4.20
3.00
2.40
1.80
1.50
63
4.7
23
44.0
25.00
14.00
5.70
3.00
2.10
1.70
1.30
1.10
6.8
23
30.0
18.00
9.40
4.00
2.10
1.50
1.20
0.88
0.73
10.0
23
21.0
12.00
6.40
2.70
1.40
1.00
0.80
0.60
0.50
2.2
35
87.0
50.00
27.00
12.00
6.40
4.50
3.60
2.70
2.30
100
3.3
35
58.0
34.00
18.00
7.90
4.20
3.00
2.40
1.80
1.50
4.7
35
41.0
24.00
13.00
5.50
3.00
2.10
1.70
1.30
1.10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com