Electronic Components Datasheet Search
  English  ▼

X  

TDA1170S Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA1170S
Description  TV VERTICAL DEFLECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1170S Datasheet(HTML) 4 Page - STMicroelectronics

  TDA1170S Datasheet HTML 1Page - STMicroelectronics TDA1170S Datasheet HTML 2Page - STMicroelectronics TDA1170S Datasheet HTML 3Page - STMicroelectronics TDA1170S Datasheet HTML 4Page - STMicroelectronics TDA1170S Datasheet HTML 5Page - STMicroelectronics TDA1170S Datasheet HTML 6Page - STMicroelectronics TDA1170S Datasheet HTML 7Page - STMicroelectronics TDA1170S Datasheet HTML 8Page - STMicroelectronics TDA1170S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage at Pin 2
35
V
V4,V5
Flyback Peak Voltage
60
V
V10
Power Amplifier Input Voltage
+ 10
– 0.5
V
V
Io
Output Peak Current (non repetitive) at t = 2msec
2
A
Io
Output Peak Current at f = 50Hz t
≤ 10µsec
2.5
A
Io
Output Peak Current at f = 50Hz t > 10
µsec
1.5
A
I3
Pin 3 DC Current at V4 2
100
mA
I3
Pin 3 Peak to Peak Flyback Current for f = 50Hz, tfly
≤ 1.5msec
1.8
A
I8
Pin 8 Current
± 20
mA
Ptot
Power Dissipation : at Ttab =90
°C
at Tamb =80
° C
5
1
W
W
Tstg,Tj
Storage and Junction Temperature
– 40, + 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j–tab
Thermal Resistance Junction–tab
Max
12
°C/W
Rth j–amb
Thermal Resistance Junction-ambient
Max
70
°C/W
(
°) Obtained with tabs soldered to printed circuit with minimized copper area.
ELECTRICAL CHARACTERISTICS
(refer to the test circuits, VS = 35V, Tamb =25
°C, unless otherwise specified)
DC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
I2
Pin 2 Quiescent Current
I3 =0
7
14
mA
1b
I5
Pin 5 Quiescent Current
I4 =0
8
15
mA
1b
–I9
Oscillator Bias Current
V9 = 1V
0.1
1
µA1a
–I10
Amplifier Input Bias Current
V10 = 1V
0.1
1
µA1b
–I12
Ramp Generator Bias Current
V12 = 0
0.02
0.3
µA1a
–I12
Ramp Generator Current
I7 =20
µA, V12 = 0
19
20
24
µA1b
∆I12
I12
Ramp Generator Non-linearity
∆V12 = 0 to 12V, I7 =
20
µA
0.2
1
%
1b
Vs
Supply Voltage Range
10
35
V
–
V1
Pin 1 Saturation Voltage to Ground
I1 = 1 mA
1
1.4
V
–
V3
Pin 3 Saturation Voltage to Ground
I3 = 10 mA
1.7
2.6
V
1a
V4
Quiescent Output Voltage
VS = 10V
R1 = 10k
Ω , R2 = 10kΩ
4.1
4.4
4.75
V
1a
VS = 35V
R1 = 30k
Ω, R2 = 10kΩ
8.3
8.8
9.45
V
1a
V4L
Output Saturation Voltage to Ground
– I4 = 0.1A
–I4 = 0.8A
0.9
1.9
1.2
2.3
V
V
1c
1c
V4H
Output Saturation Voltage to Supply
I4 = 0.1A
I4 = 0.8A
1.4
2.8
2.1
3.2
V
V
1d
1d
V6
Regulated Voltage at Pin 6
6.1
6.5
6.9
V
1b
V7
Regulated Voltage at Pin 7
I7 =20
µA
6.2
6.6
7
V
1b
∆V6
∆VS
,
∆V7
∆VS
Regulated Voltage Drift with Supply
Voltage
∆VS = 10 to 35V
1
mV/V
1b
V10
Amplifier Input Reference Voltage
2.07
2.2
2.3
V
–
R8
Pin 8 Input Resistance
V8
≤ 0.4V
1
M
Ω
1a
TDA1170S
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com