Electronic Components Datasheet Search
  English  ▼

X  

TDA1220B Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA1220B
Description  AM-FM QUALITY RADIO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1220B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA1220B Datasheet HTML 10Page - STMicroelectronics TDA1220B Datasheet HTML 11Page - STMicroelectronics TDA1220B Datasheet HTML 12Page - STMicroelectronics TDA1220B Datasheet HTML 13Page - STMicroelectronics TDA1220B Datasheet HTML 14Page - STMicroelectronics TDA1220B Datasheet HTML 15Page - STMicroelectronics TDA1220B Datasheet HTML 16Page - STMicroelectronics TDA1220B Datasheet HTML 17Page - STMicroelectronics TDA1220B Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16/18
ELECTRICAL CHARACTERISTICS (Vs = 12V)
AM Section (fo = 39MHz; fm = 15KHz)
Parameter
Typ
Unit
Audio out (m = 0.3)
60
mV
S/N (Vi = 100 mV;
m = 0.3)
37
dB
S/N (Vi = 1mV;
m = 0.3)
55
dB
S/N (Vi = 10mV;
m = 0.3)
56
dB
AGC range (m = 0.8,
∆Vout = 3dB)
65
dB
Max input signal handling (m = 0.8; d = 5%)
150
mV
– 3dB bandwidth
600
KHz
Distortion (Vi = 100
µV;
m = 0.3)
2%
(Vi = 1mV;
m = 0.3)
1
%
(Vi = 10mV;
m = 0.3)
0.8
%
(Vi = 100
µV;
m = 0.8)
7%
(Vi = 1mV;
m = 0.8)
5
%
(Vi = 10mV;
m = 0.8)
3
%
FM Section (fo = 5.5MHz; fm = 1KHz)
Parameter
Typ
Unit
–3dB input limiting voltage
(
∆f = 25KHz)
3
µV
AMR
(
∆f = +25KHz;
m = 0.3;
Vi = 100
µV)
40
dB
(
∆f = +25KHz;
m = 0.3;
Vi = 1mV)
58
dB
(
∆f = +25KHz;
m = 0.3;
Vi = 10mV)
54
dB
S/N
(
∆f = ±25KHz;
Vi = 100
µV)
51
dB
S/N
(
∆f = ±25KHz;
Vi = 1 mV)
70
dB
S/N
(
∆f = ±25KHz;
Vi = 10mV)
70
dB
Distortion
(
∆f = ±25KHz;
Vi = 100
µV)
0.5
%
(
∆f = ±25KHz;
Vi = 1 mV)
0.6
%
(
∆f = ±25KHz;
Vi = 10 mV)
0.6
%
(
∆f = ±50KHz;
Vi = 100
µV)
1%
(
∆f = ±50KHz
Vi = 1mV)
1%
(
∆f = ±50KHz;
Vi = 10mV)
1%
Recovered audio (
∆f = ±15KHz; Vi = 1 mV)
Recovered audio can be varied by variation of 3.3K ohm resistor in parallel with
the discriminator coil)
70
mV
Max input signal handling
1
V
Note: AM performance at 39MHz can be improved by mean of a selective preamplifier stage.
TDA1220B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com