Electronic Components Datasheet Search
  English  ▼

X  

EKO Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EKO
Description  Aluminum Capacitors Radial Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKO Datasheet(HTML) 2 Page - Vishay Siliconix

  EKO Datasheet HTML 1Page - Vishay Siliconix EKO Datasheet HTML 2Page - Vishay Siliconix EKO Datasheet HTML 3Page - Vishay Siliconix EKO Datasheet HTML 4Page - Vishay Siliconix EKO Datasheet HTML 5Page - Vishay Siliconix EKO Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EKO
Aluminum Capacitors
Radial Style
Vishay Roederstein
Document Number: 25006
For technical questions contact: aluminumcaps3@vishay.com
www.vishay.com
Revision: 30-Aug-05
229
DIMENSIONS in millimeters AND AVAILABLE FORMS
5
≤ ØD ≤ 18 Long leads EKO 00...
Lmax
15 min
Casing Insulation
4 min
Lmax
4.5 ± 0.5
5
≤ ØD ≤ 18 Shortened leads EKO 05...
(S = 2 / 2.5 / 3.5 / 5 / 7.5mm)
10
≤ ØD ≤ 18 Leads shortened and formed EKO 06...
5
≤ ØD ≤ 8 Leads bent open, shortened EKO 09...
(S = 5mm)
2 max
4.5 ± 0.5
5
≤ ØD ≤ 8 Leads bent open, shortened and formed EKO 06...
(S = 5mm)
Leads are solder-coated steel
Safety vent for ØD
≥ 8mm
RADIAL STYLE: DIMENSIONS in millimeters
NOMINAL CASE SIZE
∅D x L
MAXIMUM SIZE
DMAX. x LMAX.
LEAD
∅D ± 0.05
LEAD SPACING
S ± 0.05
5 x 11
5.5 x 12.0
0.5
2.0
6.3 x 11
6.8 x 12.0
0.5
2.5
8 x 11.5
8.5 x 12.5
0.6
3.5
10 x 12.5
10.5 x 14.5
0.6
5.0
10 x 16
10.5 x 18.0
0.6
5.0
10 x 20
10.5 x 22.0
0.6
5.0
12.5 x 20
13.0 x 22.0
0.6
5.0
12.5 x 25
13.0 x 27.0
0.6
5.0
16 x 25
16.5 x 27.0
0.8
7.5
16 x 31.5
16.5 x 33.5
0.8
7.5
16 x 35.5
16.5 x 37.5
0.8
7.5
18 x 35.5
18.5 x 37.5
0.8
7.5
18 x 40
18.5 x 42.0
0.8
7.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com