Electronic Components Datasheet Search
  English  ▼

X  

EPIC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EPIC
Description  Electro-Pyrotechnic Initiator Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EPIC Datasheet(HTML) 1 Page - Vishay Siliconix

  EPIC Datasheet HTML 1Page - Vishay Siliconix EPIC Datasheet HTML 2Page - Vishay Siliconix EPIC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electro-Pyrotechnic Initiator Chip Resistor
EPIC
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 53041
74
Revision: 03-Nov-08
Electro-pyrotechnic initiator resistors, also known as bridge
resistors, are resistive elements, which convert electrical
energy into heat energy in a precise electro-thermal profile
for the purpose of initiating a series of pyrotechnic events in
a controlled energetic reaction. In automotive applications
this effect is used to deploy automotive airbags and other
safety devices. These same devices are also used in military
applications for pilot ejection systems, explosive bolt
disengagement of airbone missiles, chaff dispensers,
artillery
projectile
activators,
anti-tank
mines,
etc.
Commercially, they are used in mining and de-constructions
applications.
FEATURES
Vishay has developed a special thin film resistor
chip specifically designed to provide pyrotechnic
engineers with a lot of advantages
• Firing energy down to 50 µJ
• Firing time down to 50 µs
• Ohmic range: 2R to 10R
• Compatibility with various pyrotechnic composition even
with no primer
• Joule effect ignition or flash ignition for very fast firing
• Easy set up by design of firing levels
• “No fire”/“all fire” ratio up to 70 %
• Very predictable, reproducible and reliable behaviour
• Size: 0603 preferred - other size available upon request
PRINCIPLE OF OPERATION
The two main parameters of an EPIC are “no fire” and “all
fire” conditions.
“No fire” represents the immunity of the resistor to the
environmental
electro-magnetic
pollution
and
electric
continuity test: Therefore customer will have to provide
Vishay/Sfernice with “no firing” conditions: Maximum current
and longest duration when part should not ignite the
explosive powder.
“All fire” represents the command pulse. Customer will have
to provide Vishay/Sfernice with “all firing” conditions:
Minimum current, duration necessary to ignite the explosive
powder.
DIMENSIONS in millimeters (inches)
MECHANICAL SPECIFICATIONS
• Substrate: Special alumina based substrate
• Resistive element: Fine line patterned Tantalum nitride thin
film layer
• Diffusion and conductive thin film layers
• Terminations: Wraparound over nickel barrier
TECHNOLOGY
This technology contributes to the stability of the heating element, the precise electro-thermal response profile and the ability to
design a precise activation energy.
All these features are perfectly controlled on high production volumes.
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
A
C
B
CASE
SIZE
DIMENSION
ABC
MAX. TOL. + 0.152 (0.006)
MIN. TOL. - 0.152 (0.006)
MAX. TOL. + 0.127 (0.005)
MIN. TOL. - 0.127 (0.005)
MAX. TOL. + 0.127 (0.005)
MIN. TOL. - 0.127 (0.005)
0603
1.52 (0.060)
0.75 (0.030)
0.5 (0.020)


Similar Part No. - EPIC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPIC-5536 AAEON-EPIC-5536 Datasheet
404Kb / 2P
EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
Onboard AMD Geode??LX 800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
Onboard AMD Geode??LX 800 Processor 500 MHz
EPIC-8526 AAEON-EPIC-8526 Datasheet
225Kb / 1P
Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
EPIC-9456 AAEON-EPIC-9456 Datasheet
338Kb / 2P
EPIC Board with Socket-478M Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
More results

Similar Description - EPIC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0402 BOURNS-CR0402 Datasheet
172Kb / 3P
Chip Resistor
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
logo
Bourns Electronic Solut...
CRL2512 BOURNS-CRL2512 Datasheet
123Kb / 1P
Chip resistor
CRL1206 BOURNS-CRL1206 Datasheet
124Kb / 1P
Chip Resistor
CR0201 BOURNS-CR0201 Datasheet
206Kb / 2P
Chip Resistor
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
Xilinx, Inc
DS208 XILINX-DS208 Datasheet
318Kb / 13P
LogiCORE IP Initiator/Target
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
logo
Vishay Siliconix
MEPIA VISHAY-MEPIA Datasheet
115Kb / 4P
Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
08-Feb-2019
MEPIC VISHAY-MEPIC Datasheet
93Kb / 4P
Massive Electro-Pyrotechnic Initiator Chip Resistor
25-Nov-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com