Electronic Components Datasheet Search
  English  ▼

X  

STD90N02L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD90N02L
Description  N-channel 25V - 0.0052Ω - 60A - DPAK - IPAK STripFET??III Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD90N02L Datasheet(HTML) 5 Page - STMicroelectronics

  STD90N02L_07 Datasheet HTML 1Page - STMicroelectronics STD90N02L_07 Datasheet HTML 2Page - STMicroelectronics STD90N02L_07 Datasheet HTML 3Page - STMicroelectronics STD90N02L_07 Datasheet HTML 4Page - STMicroelectronics STD90N02L_07 Datasheet HTML 5Page - STMicroelectronics STD90N02L_07 Datasheet HTML 6Page - STMicroelectronics STD90N02L_07 Datasheet HTML 7Page - STMicroelectronics STD90N02L_07 Datasheet HTML 8Page - STMicroelectronics STD90N02L_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STD90N02L - STD90N02L-1
Electrical characteristics
5/17
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=10V, ID=30A,
RG=4.7Ω, VGS=5V
(see Figure 16)
12
110
18
8
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
60
240
A
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD=30A, VGS=0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=60A, di/dt = 100A/µs,
VDD=15V, Tj=150°C
(see Figure 18)
36
65
3.6
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com