Electronic Components Datasheet Search
  English  ▼

X  

TDA1910HS Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA1910HS
Description  10W AUDIO AMPLIFIER WITH MUTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1910HS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA1910HS Datasheet HTML 6Page - STMicroelectronics TDA1910HS Datasheet HTML 7Page - STMicroelectronics TDA1910HS Datasheet HTML 8Page - STMicroelectronics TDA1910HS Datasheet HTML 9Page - STMicroelectronics TDA1910HS Datasheet HTML 10Page - STMicroelectronics TDA1910HS Datasheet HTML 11Page - STMicroelectronics TDA1910HS Datasheet HTML 12Page - STMicroelectronics TDA1910HS Datasheet HTML 13Page - STMicroelectronics TDA1910HS Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the
following advantages:
1) An overload on the output (even if it is perma-
nent), or an above limit ambient temperature
can be easily supported since the Tj cannot be
higher than 150
°C.
2) The heatskink can have a smaller factor of
safety compared with that of a conventional
Figure 29. Output power and
d r ai n
c u rr e n t
vs .
c ase
temperature
Figure 30. Output power and
d ra i n
c u rr e nt
vs .
cas e
temperature
Figure31. Maximumallow able
power dissipation vs. ambient
temperature
MOUNTING INSTRUCTIONS
The power dissipated in the circuit must be re-
moved by adding an external heatsink.
Thanks to the Multiwatt
® package attaching the
heatsink is very simple, a screw or a compression
12/14
circuit. There is no possibility of device damage
due to high junction temperature.
If for any reason, the junction temperature in-
creases up to 150
°C, the thermal shut-down
simply reduces the power dissipation and the
current consumption.
The maximum allowable power dissipation de-
pends upon the size of the external heatsink (i.e. its
thermal resistance); fig. 31 shows this dissipable
power as a function of ambient temperature for
different thermal resistance.
spring (clip) being sufficient. Between the heatsink
and the package it is betterto insert a layer of silicon
grease, to optimize the thermal contact; no electri-
cal isolation is needed between the two surfaces.
TDA1910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com