Electronic Components Datasheet Search
  English  ▼

X  

STK820 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STK820
Description  N-channel 25 V - 0.0058 Ω - 21 A - PolarPAK® STripFET™Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK820 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STK820_08 Datasheet HTML 4Page - STMicroelectronics STK820_08 Datasheet HTML 5Page - STMicroelectronics STK820_08 Datasheet HTML 6Page - STMicroelectronics STK820_08 Datasheet HTML 7Page - STMicroelectronics STK820_08 Datasheet HTML 8Page - STMicroelectronics STK820_08 Datasheet HTML 9Page - STMicroelectronics STK820_08 Datasheet HTML 10Page - STMicroelectronics STK820_08 Datasheet HTML 11Page - STMicroelectronics STK820_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Test circuit
STK820
8/15
3
Test circuit
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped inductive load test
circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com