Electronic Components Datasheet Search
  English  ▼

X  

STL50NH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL50NH3LL
Description  N-channel 30 V - 0.011 Ω - 13 A - PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL50NH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STL50NH3LL_07 Datasheet HTML 1Page - STMicroelectronics STL50NH3LL_07 Datasheet HTML 2Page - STMicroelectronics STL50NH3LL_07 Datasheet HTML 3Page - STMicroelectronics STL50NH3LL_07 Datasheet HTML 4Page - STMicroelectronics STL50NH3LL_07 Datasheet HTML 5Page - STMicroelectronics STL50NH3LL_07 Datasheet HTML 6Page - STMicroelectronics STL50NH3LL_07 Datasheet HTML 7Page - STMicroelectronics STL50NH3LL_07 Datasheet HTML 8Page - STMicroelectronics STL50NH3LL_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
December 2007
Rev 10
1/12
12
STL50NH3LL
N-channel 30 V - 0.011
Ω - 13 A - PowerFLAT™ (6x5)
ultra low gate charge STripFET™ Power MOSFET
Features
■ Improved die-to-footprint ratio
■ Very low profile package (1 mm max)
■ Very low thermal resistance
■ Very low gate charge
■ Low threshold device
Applications
■ Switching application
Description
This application specific Power MOSFET is the
latest generation of STMicroelectronics unique
“STripFET™” technology. The resulting transistor
is optimized for low on-resistance and minimal
gate charge. The Chip-scaled PowerFLAT™
package allows a significant board space saving,
still boosting the performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STL50NH3LL
30V
<0.013
Ω
13A (4)
PowerFLAT™( 6x5 )
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL50NH3LL
L50NH3LL
PowerFLAT™ (6x5)
Tape & reel
www.st.com


Similar Part No. - STL50NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
06-Sep-2006
More results

Similar Description - STL50NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8NH3LL STMICROELECTRONICS-STL8NH3LL Datasheet
164Kb / 7P
N-CHANNEL 30 V - 0.012 ??- 8 A PowerFLAT??ULTRA LOW GATE CHARGE STripFET??MOSFET
05-Oct-2004
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
12-Apr-2006
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
30-Mar-2006
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
06-Sep-2006
STL60NH3LL_0609 STMICROELECTRONICS-STL60NH3LL_0609 Datasheet
355Kb / 13P
N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
05-Sep-2006
STL75NH3LL STMICROELECTRONICS-STL75NH3LL Datasheet
348Kb / 12P
N-channel 30 V, 0.004 Ω, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
12-Jun-2008
STL55NH3LL STMICROELECTRONICS-STL55NH3LL Datasheet
369Kb / 14P
N-channel 30 V, 0.0079 Ω, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
07-May-2008
STL60NH3LL STMICROELECTRONICS-STL60NH3LL_07 Datasheet
359Kb / 13P
N-channel 30 V - 0.0065 Ω - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
11-Dec-2007
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com