Electronic Components Datasheet Search
  English  ▼

X  

ZXTP25100CZ Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXTP25100CZ
Description  100V PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP25100CZ Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXTP25100CZ Datasheet HTML 1Page - Zetex Semiconductors ZXTP25100CZ Datasheet HTML 2Page - Zetex Semiconductors ZXTP25100CZ Datasheet HTML 3Page - Zetex Semiconductors ZXTP25100CZ Datasheet HTML 4Page - Zetex Semiconductors ZXTP25100CZ Datasheet HTML 5Page - Zetex Semiconductors ZXTP25100CZ Datasheet HTML 6Page - Zetex Semiconductors ZXTP25100CZ Datasheet HTML 7Page - Zetex Semiconductors ZXTP25100CZ Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXTP25100CZ
Issue 1- December 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Thermal resistance
NOTES:
(a) For a device surface mounted on 15mm x 15mm x 0.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
(b) Mounted on 25mm x 25mm x 0.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(c) Mounted on 50mm x 50mm x 0.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions.
(d) As (c) above measured at t<5 seconds.
(e) Junction to case (collector tab). Typical
Parameter
Symbol
Limit
Unit
Collector-Base voltage
VCBO
-115
V
Collector-Emitter voltage
VCEO
-100
V
Emitter-Collector voltage (reverse blocking)
VECO
-7
V
Emitter-Base voltage
VEBO
-7
V
Continuous Collector current(c)
IC
-1
A
Base current
IB
-500
mA
Peak pulse current
ICM
-3
A
Power dissipation at TA =25°C(a)
Linear derating factor
PD
1.1
8.8
W
mW/
°C
Power dissipation at TA =25°C(b)
Linear derating factor
PD
1.8
14.4
W
mW/
°C
Power dissipation at TA =25°C(c)
Linear derating factor
PD
2.4
19.2
W
mW/
°C
Power dissipation at TA =25°C(d)
Linear derating factor
PD
4.46
35.7
W
mW/
°C
Power dissipation at TC =25°C(e)
Linear derating factor
PD
15.7
126
W
mW/
°C
Operating and storage temperature range
Tj, Tstg
-55 to 150
°C
Parameter
Symbol
Limit
Unit
Junction to ambient(a)
R JA
117
°C/W
Junction to ambient(b)
R JA
68
°C/W
Junction to ambient(c)
R JA
51
°C/W
Junction to ambient(d)
R JA
28
°C/W
Junction to case(e)
R JC
7.95
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com