Electronic Components Datasheet Search
  English  ▼

X  

STL65N3LLH5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL65N3LLH5
Description  N-channel 30 V, 0.0048 Ω, 19 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL65N3LLH5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL65N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL65N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL65N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL65N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL65N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL65N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL65N3LLH5 Datasheet HTML 9Page - STMicroelectronics STL65N3LLH5 Datasheet HTML 10Page - STMicroelectronics STL65N3LLH5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STL65N3LLH5
Electrical characteristics
7/12
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10. Normalized gate threshold voltage
vs temperature
Figure 11. Normalized on resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
0
2
4
6
8
10
12
VGS(V)
0
5
10
15
20 Qg(nC)
HV42940
VDD=15 V
ID=14 A
VGS=5 V
0
500
1000
1500
2000
C(pF)
C(pF)
0
10
20
Ciss
Coss
Crss
f=1MHz
VGS=0
HV42930
0
0.2
0.4
0.6
0.8
1
1.2
VGS(th)
(norm)
-55
-30-5
20
45
70
95
120 145
TJ(°C)
HV42960
ID=250 µA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
RDS(on)
HV42970
-55
-30
-5
20
45
70
95
120 145 TJ(°C)
ID=8.5 A
VGS=10 V
(norm)
0.4
0.5
0.6
0.7
0.8
0.9
VSD(V)
0
5
10
15
ISD(A)
TJ=-55 °C
TJ=25 °C
TJ=150 °C
HV42980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com