Electronic Components Datasheet Search
  English  ▼

X  

WSK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSK
Description  Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSK Datasheet(HTML) 2 Page - Vishay Siliconix

  WSK Datasheet HTML 1Page - Vishay Siliconix WSK Datasheet HTML 2Page - Vishay Siliconix WSK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30108
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 26-Mar-07
21
WSK
Power Metal Strip® Resistors,
Low Value (down to 0.001
Ω), Surface Mount, 4-Terminal
Vishay Dale
DIMENSIONS
Note
• Embossed carrier tape per EIA-481-1A
L
W
H
T
A
B
l
a
e
b
d
c
MODEL
DIMENSIONS in inches [millimeters]
RESISTANCE
RANGE
Ω
LW
H
T
A
B
WSK2512
0.001 - 0.0049
0.250 ± 0.010
[6.35 ± 0.254]
0.125 ± 0.010
[3.18 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.087 ± 0.010
[2.21 ± 0.254]
0.030 ± 0.010
[0.762 ± 0.254]
0.020 ± 0.010
[0.508 ± 0.254]
0.005 - 0.025
0.250 ± 0.010
[6.35 ± 0.254]
0.125 ± 0.010
[3.18 ± 0.254]
0.025 ± 0.010
[0.635 ± 0.254]
0.047 ± 0.010
[1.19 ± 0.254]
0.030 ± 0.010
[0.762 ± 0.254]
0.020 ± 0.010
[0.508 ± 0.254]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
ab
c
d
e
I
WSK2512
0.125 [3.18]
0.130 [3.30]
0.030 [0.76]
0.020 [0.51]
0.055 [1.40]
0.065 [1.65]
70
0
Derating
- 65 - 55 - 25
0
25
50
75
100 125
150
170
Ambient Temperature °C
20
40
60
80
100
120
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
Ω) ΔR
Short Time Overload
5 x power for 5 s
± (0.5 % + 0.0005
Ω) ΔR
Low Temperature Storage
- 65 °C for 24 h
± (0.5 % + 0.0005
Ω) ΔR
High Temperature Exposure
1000 h at + 170 °C
± (1.0 % + 0.0005
Ω) ΔR
Bias Humidity
+ 85 °C, 85 % RH, 10 % Bias, 1000 h
± (0.5 % + 0.0005
Ω) ΔR
Mechanical Shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
Ω) ΔR
Vibration
Frequency varied 10 to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
Ω) ΔR
Load Life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
Ω) ΔR
Resistance to Solder Heat
+ 260 °C Solder, 10 - 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
Ω) ΔR
Moisture Resistance
MIL-STD-202 Method 106, 0 % power, 7a and 7b not required
± (0.5 % + 0.0005
Ω) ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
RIECES/REEL
CODE
WSK2512
12 mm/Embossed Plastic
178 mm/7"
2000
R86



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com