Electronic Components Datasheet Search
  English  ▼

X  

STP22NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP22NF03L
Description  N-channel 30 V, 0.0038 Ω, 22 A, TO-220 STripFET™II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STP22NF03L_08 Datasheet HTML 1Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 2Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 3Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 4Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 5Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 6Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 7Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 8Page - STMicroelectronics STP22NF03L_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2008
Rev 5
1/12
12
STP22NF03L
N-channel 30 V, 0.0038
Ω, 22 A, TO-220
STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ Low gate charge at 100°C
■ Application oriented characterization
■ 100% avalanche tested
Application
■ Switching applications
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "single feature size"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STP22NF03L
30 V
< 0.05
Ω
22 A
1
2
3
TO-220
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP22NF03L
P22NF03L@
TO-220
Tube
www.st.com


Similar Part No. - STP22NF03L_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET??II Power MOSFET
03-Sep-2007
More results

Similar Description - STP22NF03L_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET??II Power MOSFET
03-Sep-2007
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
N-channel 25 V, 0.0038 Ω, 80 A, DPAK, IPAK, TO-220 STripFET™V Power MOSFET
26-Apr-2010
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
07-Jul-2009
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP15810 STMICROELECTRONICS-STP15810 Datasheet
357Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
20-Aug-2014
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
STD35NF06L STMICROELECTRONICS-STD35NF06L_V01 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com