Electronic Components Datasheet Search
  English  ▼

X  

ZXGD3003E6TA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXGD3003E6TA
Description  5A(peak) gate driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXGD3003E6TA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXGD3003E6TA Datasheet HTML 1Page - Zetex Semiconductors ZXGD3003E6TA Datasheet HTML 2Page - Zetex Semiconductors ZXGD3003E6TA Datasheet HTML 3Page - Zetex Semiconductors ZXGD3003E6TA Datasheet HTML 4Page - Zetex Semiconductors ZXGD3003E6TA Datasheet HTML 5Page - Zetex Semiconductors ZXGD3003E6TA Datasheet HTML 6Page - Zetex Semiconductors ZXGD3003E6TA Datasheet HTML 7Page - Zetex Semiconductors ZXGD3003E6TA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXGD3003E6
Issue 2 - October 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Applications
Power MOSFET and IGBT Gate Driving in
•
Synchronous switch-mode power supplies
•
Secondary side synchronous rectification
•
Plasma Display Panel power modules
•
1, 2 and 3-phase motor control circuits
•
Audio switching amplifier power output stages
Pin configuration
Pin description
Ordering information
Device marking
3003
Pin Name
Pin Function
VCC
Driver supply
IN1 / IN2
Driver input pins. These are normally connected together by circuit tracks.
GND
Ground
SOURCE
Source current output.
SINK
Sink current output.
Device
Reel size
(inches)
Tape width
(mm)
Quantity per
reel
ZXGD3003E6TA
7
8 embossed
3000
V
CC
IN
1
GND
SOT236
Top view
SOURCE
IN
2
SINK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com