Electronic Components Datasheet Search
  English  ▼

X  

ZXLD381 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXLD381
Description  Single or Multi Cell LED Driver Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD381 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXLD381 Datasheet HTML 1Page - Zetex Semiconductors ZXLD381 Datasheet HTML 2Page - Zetex Semiconductors ZXLD381 Datasheet HTML 3Page - Zetex Semiconductors ZXLD381 Datasheet HTML 4Page - Zetex Semiconductors ZXLD381 Datasheet HTML 5Page - Zetex Semiconductors ZXLD381 Datasheet HTML 6Page - Zetex Semiconductors ZXLD381 Datasheet HTML 7Page - Zetex Semiconductors ZXLD381 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXLD381
Issue 1 - April 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Supply Voltage (VCC)
-0.6V to 10V
Output Voltage (VOUT)
-0.6V to 20V
Supply Current
20mA
Output Switch Current
800mA
Power Dissipation SOT23-3
450mW
Power Dissipation Die
1W
Operating Temperature Range
0°C to +85°C
Storage Temperature Range
-55°C to +150°C
Electrical Characteristics
Measured at TAMB = 25°C, L = 4.7μH and VCC = 1.5V unless otherwise specified.
Parameter
Conditions
Limits
Units
Min
Typ
Max
Supply Voltage
Operating Range
L = 10
μH0.9
2.2
V
Minimum Supply
Start-up Voltage
L = 10
μH0.8
0.9
V
Switch Current
At turn-off
250
320
400
mA
Switch Saturation
Voltage
IOUT = 200mA
100
300
mV
Switch Leakage
Current
VOUT = 20V
40
70
120
μA
Mean LED Current
VLED = 3.5V
40
55
70
mA
Efficiency
VLED = 3.5V
85
%
Operating
Frequency
VLED = 3.5V
350
kHz
Discharge Pulse
Width
0.7
1.5
2.5
μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com