Electronic Components Datasheet Search
  English  ▼

X  

STS9NH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS9NH3LL
Description  N-channel 30 V - 0.018 Ω - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS9NH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STS9NH3LL_07 Datasheet HTML 1Page - STMicroelectronics STS9NH3LL_07 Datasheet HTML 2Page - STMicroelectronics STS9NH3LL_07 Datasheet HTML 3Page - STMicroelectronics STS9NH3LL_07 Datasheet HTML 4Page - STMicroelectronics STS9NH3LL_07 Datasheet HTML 5Page - STMicroelectronics STS9NH3LL_07 Datasheet HTML 6Page - STMicroelectronics STS9NH3LL_07 Datasheet HTML 7Page - STMicroelectronics STS9NH3LL_07 Datasheet HTML 8Page - STMicroelectronics STS9NH3LL_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
December 2007
Rev 3
1/13
13
STS9NH3LL
N-channel 30 V - 0.018
Ω - 9 A - SO-8
low gate charge STripFET™ III Power MOSFET
Features
■ Optimal RDS(on) x Qg trade-off @ 4.5 V
■ Conduction losses reduced
■ Switching losses reduced
Application
■ Switching applications
Description
This application specific Power MOSFET is the
third generation of STMicroelectronics unique
“single feature size” strip-based process. The
resulting transistor shows the best trade-off
between on-resistance and gate charge. When
used as high and low side in buck regulators, it
gives the best performance in terms of both
conduction and switching losses. This is
extremely important for motherboards where fast
switching and high efficiency are of paramount
importance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STS9NH3LL
30 V
0.022
Ω
9 A
SO-8
Table 1.
Device summary
Order code
Marking
Package
Packaging
STS9NH3LL
S9NH3LL
SO-8
Tape & reel
www.st.com


Similar Part No. - STS9NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
24-Jul-2006
More results

Similar Description - STS9NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD29NF03L STMICROELECTRONICS-STD29NF03L Datasheet
47Kb / 6P
N-CHANNEL 30V - 0.018 ohm - 29A DPAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STL8NH3LL STMICROELECTRONICS-STL8NH3LL Datasheet
164Kb / 7P
N-CHANNEL 30 V - 0.012 ??- 8 A PowerFLAT??ULTRA LOW GATE CHARGE STripFET??MOSFET
05-Oct-2004
STS12NH3LL STMICROELECTRONICS-STS12NH3LL Datasheet
178Kb / 7P
N-CHANNEL 30 V - 0.008 ??- 12 A SO-8 ULTRA LOW GATE CHARGE STripFET??MOSFET
21-Jul-2004
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
30-Jan-2007
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
24-Jul-2006
STS8C5H30L_0707 STMICROELECTRONICS-STS8C5H30L_0707 Datasheet
429Kb / 14P
N-channel 30V - 0.018 Ω - 8A/p-channel 30V - 0.045 Ω - 5A - SO-8 Low gate charge STripFET??III MOSFET
23-Jul-2007
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
Dual n-channel 30 V - 0.018 Ω - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
16-Jun-2008
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_07 Datasheet
316Kb / 13P
N-channel 30 V - 0.008 Ω - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
26-Nov-2007
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com