Electronic Components Datasheet Search
  English  ▼

X  

STS12NF30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS12NF30L
Description  N-channel 30V - 0.008Ω - 12A SO-8 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS12NF30L Datasheet(HTML) 1 Page - STMicroelectronics

  STS12NF30L Datasheet HTML 1Page - STMicroelectronics STS12NF30L Datasheet HTML 2Page - STMicroelectronics STS12NF30L Datasheet HTML 3Page - STMicroelectronics STS12NF30L Datasheet HTML 4Page - STMicroelectronics STS12NF30L Datasheet HTML 5Page - STMicroelectronics STS12NF30L Datasheet HTML 6Page - STMicroelectronics STS12NF30L Datasheet HTML 7Page - STMicroelectronics STS12NF30L Datasheet HTML 8Page - STMicroelectronics STS12NF30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 2007
Rev 9
1/12
12
STS12NF30L
N-channel 30V - 0.008
Ω - 12A SO-8
STripFET™ II Power MOSFET
Features
■ Standard outline for easy automated surface
mount assembly
■ Low threshold drive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Application
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STS12NF30L
30V
<0.009
Ω
12A
S0-8
www.st.com
Order code
Part number
Marking
Package
Packaging
STS12NF30L
S12NF30L
SO-8
Tape & reel


Similar Part No. - STS12NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
May-1999
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
More results

Similar Description - STS12NF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
Jun-2000
STS12NF30L STMICROELECTRONICS-STS12NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.0085W - 12A SO-8 STripFET POWER MOSFET
May-1999
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
May-1999
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
Dec-2002
STS8NF30L STMICROELECTRONICS-STS8NF30L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.018ohm - 8A SO-8 STripFET POWER MOSFET
Dec-1999
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
30-Mar-2006
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
09-Nov-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com