Electronic Components Datasheet Search
  English  ▼

X  

STS12NH3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS12NH3LL
Description  N-channel 30 V - 0.008 Ω - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS12NH3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STS12NH3LL_07 Datasheet HTML 1Page - STMicroelectronics STS12NH3LL_07 Datasheet HTML 2Page - STMicroelectronics STS12NH3LL_07 Datasheet HTML 3Page - STMicroelectronics STS12NH3LL_07 Datasheet HTML 4Page - STMicroelectronics STS12NH3LL_07 Datasheet HTML 5Page - STMicroelectronics STS12NH3LL_07 Datasheet HTML 6Page - STMicroelectronics STS12NH3LL_07 Datasheet HTML 7Page - STMicroelectronics STS12NH3LL_07 Datasheet HTML 8Page - STMicroelectronics STS12NH3LL_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2007
Rev 9
1/13
13
STS12NH3LL
N-channel 30 V - 0.008
Ω - 12 A - SO-8
ultra low gate charge STripFET™ Power MOSFET
Features
■ Optimal RDS(on) x Qg trade-off @ 4.5 V
■ Switching losses reduced
■ Low input capacitance
■ Low threshold device
Application
■ Switching applications
Description
This series is based on the latest generation of
ST’s proprietary “STripFET™” technology. An
innovative layout enables the device to also
exhibit extremely low gate charge for the most
demanding requirements as high-side switch in
high-frequency DC-DC converters. It’s therefore
ideal for high-density converters in telecom and
computer applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STS12NH3LL
30 V
<0.0105
Ω
12 A
SO-8
Table 1.
Device summary
Order code
Marking
Packag
Packaging
STS12NH3LL
12H3LL
SO-8
Tape & reel
www.st.com


Similar Part No. - STS12NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
30-Mar-2006
More results

Similar Description - STS12NH3LL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS11NF3LL STMICROELECTRONICS-STS11NF3LL Datasheet
44Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STL8NH3LL STMICROELECTRONICS-STL8NH3LL Datasheet
164Kb / 7P
N-CHANNEL 30 V - 0.012 ??- 8 A PowerFLAT??ULTRA LOW GATE CHARGE STripFET??MOSFET
05-Oct-2004
STS12NH3LL STMICROELECTRONICS-STS12NH3LL Datasheet
178Kb / 7P
N-CHANNEL 30 V - 0.008 ??- 12 A SO-8 ULTRA LOW GATE CHARGE STripFET??MOSFET
21-Jul-2004
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
30-Mar-2006
STL60NH3LL STMICROELECTRONICS-STL60NH3LL_07 Datasheet
359Kb / 13P
N-channel 30 V - 0.0065 Ω - 30 A - PowerFLAT??(6x5) ultra low gate charge STripFET™Power MOSFET
11-Dec-2007
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
Dual n-channel 30 V - 0.018 Ω - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
16-Jun-2008
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
N-channel 30 V - 0.018 Ω - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
12-Dec-2007
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com