Electronic Components Datasheet Search
  English  ▼

X  

STS14N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS14N3LLH5
Description  N-channel 30 V, 0.005 Ω, 14 A - SO-8 STripFET??V Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS14N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STS14N3LLH5 Datasheet HTML 1Page - STMicroelectronics STS14N3LLH5 Datasheet HTML 2Page - STMicroelectronics STS14N3LLH5 Datasheet HTML 3Page - STMicroelectronics STS14N3LLH5 Datasheet HTML 4Page - STMicroelectronics STS14N3LLH5 Datasheet HTML 5Page - STMicroelectronics STS14N3LLH5 Datasheet HTML 6Page - STMicroelectronics STS14N3LLH5 Datasheet HTML 7Page - STMicroelectronics STS14N3LLH5 Datasheet HTML 8Page - STMicroelectronics STS14N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2008
Rev 3
1/12
12
STS14N3LLH5
N-channel 30 V, 0.005
Ω, 14 A - SO-8
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Application
■ Switching applications
Description
This product utilizes the 5th generation of design
rules of ST’s proprietary STripFET™ technology.
The lowest available RDS(on)*Qg, in SO-8
package, makes this device suitable for the most
demanding DC-DC converter applications, where
high power density is to be achieved.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STS14N3LLH5
30 V
<0.006
Ω
14 A (1)
1.
The value is rated according Rthj-pcb
SO-8
Table 1.
Device summary
Order code
Marking
Package
Packaging
STS14N3LLH5
14D3L
SO-8
Tape and reel
www.st.com


Similar Part No. - STS14N3LLH5

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STS100 SSOUSA-STS100 Datasheet
130Kb / 4P
Multifunction Telecommunications Switch
logo
Solid State Inc
STS100 SOLIDSTATE-STS100 Datasheet
596Kb / 7P
Telecom switching
logo
JILIN SINO-MICROELECTRO...
STS10100S JSMC-STS10100S Datasheet
409Kb / 6P
TRENCH SCHOTTKY BARRIER DIODE
201807B
STS10100S-RM-A JSMC-STS10100S-RM-A Datasheet
409Kb / 6P
TRENCH SCHOTTKY BARRIER DIODE
201807B
STS10100S-RM-A JSMC-STS10100S-RM-A Datasheet
1Mb / 9P
TRENCH SCHOTTKY BARRIER DIODE
202211D
More results

Similar Description - STS14N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
01-Jul-2008
logo
ON Semiconductor
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
logo
STMicroelectronics
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
N-channel 30 V, 0.0038 Ω, 26 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
19-Oct-2011
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
N-channel 30 V, 0.019 Ω, 10 A, SO-8 STripFET™V Power MOSFET
06-May-2009
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
N-channel 30 V, 0.0117 Ω, 11 A, SO-8 STripFET™ V Power MOSFET
June 2011 Rev 2
STS8DN3LLH5 STMICROELECTRONICS-STS8DN3LLH5 Datasheet
775Kb / 12P
Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
12-Jan-2010
STS5DNF60L STMICROELECTRONICS-STS5DNF60L Datasheet
286Kb / 12P
N-channel 60 V, 0.035, 5 A SO-8 STripFET II Power MOSFET
18-Mar-2010
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com