Electronic Components Datasheet Search
  English  ▼

X  

WSLP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSLP
Description  Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP Datasheet(HTML) 1 Page - Vishay Siliconix

  WSLP Datasheet HTML 1Page - Vishay Siliconix WSLP Datasheet HTML 2Page - Vishay Siliconix WSLP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors, Very High Power (to 1 W)
Low Value (down to 0.001
Ω), Surface Mount
WSLP
Vishay Dale
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30122
10
Revision: 18-Nov-08
FEATURES
• Very high power to foot print size ratio (1 W in
1206 and 0.5 W in 0805 package)
• Ideal for all types of current sensing and pulse
applications including switching and linear power
supplies, instruments, power amplifiers and
shunts
• Proprietary processing technique produces extremely low
resistance values (down to 0.001
Ω)
• All welded construction
• Solid metal Nickel-Chrome or Manganese-Copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 µV/°C)
RoHS
COMPLIANT
Pb-free
e3
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
P70 °C
W
RESISTANCE RANGE
Ω
WEIGHT
(typical)
g/1000 pieces
± 0.5 %
± 1.0 %
WSLP0805
0.5
0.01 to 0.05
0.01 to 0.05
4.8
WSLP1206
1.0
0.006 to 0.05
0.001 to 0.05
16.2
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSLP RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 275 for 1 m
Ω to 2.9 mΩ, ± 150 for 3 mΩ to 4.9 mΩ
± 110 for 5 m
Ω to 6.9 mΩ, ± 75 for 7 mΩ to 50 mΩ
Operating Temperature Range
°C
- 65 to + 170
Maximum Working Voltage
V
(
P × R)1/2
GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBERING: WSLP1206R0100FEA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSLP0805
WSLP1206
L = m
Ω*
R = Decimal
4L000 = 0.004
Ω
R0100 = 0.01
Ω
* use “L” for resistance
values < 0.01
Ω
D = ± 0.5 %
F = ± 1.0 %
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
Reserved for
future specials
SL
P
1
2
0
6R0
W
10
0
F
E
A


Similar Part No. - WSLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP VISHAY-WSLP Datasheet
141Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount
09-Aug-2022
WSLP0603R0100FEB VISHAY-WSLP0603R0100FEB Datasheet
98Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
18-Apr-12
WSLP0805 VISHAY-WSLP0805 Datasheet
153Kb / 4P
Power Metal Strip® Resistors, Very High Power (1 W), Low Value (Down to 0.005 Ω), Surface Mount
01-Oct-2020
WSLP08055L000FEA18 VISHAY-WSLP08055L000FEA18 Datasheet
153Kb / 4P
Power Metal Strip® Resistors, Very High Power (1 W), Low Value (Down to 0.005 Ω), Surface Mount
01-Oct-2020
WSLP08055L000FEK18 VISHAY-WSLP08055L000FEK18 Datasheet
153Kb / 4P
Power Metal Strip® Resistors, Very High Power (1 W), Low Value (Down to 0.005 Ω), Surface Mount
01-Oct-2020
More results

Similar Description - WSLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSR VISHAY-WSR Datasheet
237Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
26-Mar-07
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
29-Jun-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com