Electronic Components Datasheet Search
  English  ▼

X  

TDA2030A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2030A
Description  18W Hi-Fi AMPLIFIER AND 35W DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2030A Datasheet HTML 4Page - STMicroelectronics TDA2030A Datasheet HTML 5Page - STMicroelectronics TDA2030A Datasheet HTML 6Page - STMicroelectronics TDA2030A Datasheet HTML 7Page - STMicroelectronics TDA2030A Datasheet HTML 8Page - STMicroelectronics TDA2030A Datasheet HTML 9Page - STMicroelectronics TDA2030A Datasheet HTML 10Page - STMicroelectronics TDA2030A Datasheet HTML 11Page - STMicroelectronics TDA2030A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Figure 16 : Bridge Amplifier with Split Power Supply (PO = 34W, VS =
± 16V)
Figure 17 : P.C. Board and Component Layout for the Circuit of Figure 16 (1:1 scale)
MULTIWAY SPEAKER SYSTEMS AND ACTIVE
BOXES
Multiway loudspeaker systems provide the best
possible acoustic performance since each loud-
speaker is specially designed and optimized to
handle a limited range of frequencies. Commonly,
these loudspeaker systems divide the audio spec-
trum into two or three bands.
To maintain aflat frequencyresponse over the Hi-Fi
audio range the bands covered by each loud-
speaker must overlap slightly. Imbalance between
the loudspeakers produces unacceptable results
therefore it is important to ensure that each unit
generates the correct amount of acoustic energy
for its segmento of the audio spectrum. In this
respect it is also important to know the energy
distribution of the music spectrum to determine the
cutoff frequencies of the crossover filters (see Fig-
ure 18). As an example a 100W three-way system
with crossover frequencies of 400Hz and 3kHz
would require 50W for the woofer, 35W for the
midrange unit and 15W for the tweeter.
TDA2030A
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com