Electronic Components Datasheet Search
  English  ▼

X  

EB413R31 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB413R31
Description  Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB413R31 Datasheet(HTML) 3 Page - Vishay Siliconix

  EB413R31 Datasheet HTML 1Page - Vishay Siliconix EB413R31 Datasheet HTML 2Page - Vishay Siliconix EB413R31 Datasheet HTML 3Page - Vishay Siliconix EB413R31 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
4
EB4
Vishay Dale
For technical questions, contact Connectors@vishay.com
Document Number 36001
Revision 14-Aug-02
Type “1R”, “2R”, “3R” and “4R”
Right Angle
0.025 [0.635] Square Terminals
TYPE
A
B
1R
0.150
0.120
± 0.030
[3.81]
[3.05
± 0.762]
2R
0.200
0.120
± 0.030
[5.08]
[3.05
± .762]
3R
0.150
0.180
± 0.030
[3.81]
[4.57
± 0.762]
4R
0.200
0.180
± 0.030
[5.08]
[4.57
± 0.762]
TERMINAL VARIATIONS in inches [millimeters]
Type “X”
Clearance Hole
Raised Mounting Flange
.250
[6.35]
.610
[15.49]
Ref.
.430
[10.92]
.125
[3.17]
Dia.
.060 [1.52] Ref.
Type “XF”
Clearance Hole
Flush Mounting Flange
.125
[3.17]
Dia.
.610
[15.49]
Ref.
.250
[6.35]
.060 [1.52] Ref.
Type “XS”
Right Angle
Mounting Flange
.250
[6.35]
.125
[3.17]
Dia.
.125
[3.17]
.430
[10.92]
.610 [15.49]
Ref.
.060 [1.52] Ref.
Type “YF”
Threaded Insert
Flush Mounting Flange
0.610
[15.49]
Ref.
4-40
UNC-2B
0.250
[6.35]
.060 [1.52] Ref.
Type “W”
No Mounting Flange
0.180 [4.57]
0.610
[15.49]
Ref.
0.430
[10.92]
0.060 [1.52] Ref.
Type “Y”
Threaded Insert
Raised Mounting Flange
0.250
[6.35]
0.610 [15.49]
Ref.
0.430
[10.92]
4-40
UNC-2B
0.060 [1.52] Ref.
0.590
[14.99]
B
A
Type “C” and “D”
Solder Dip, Standard
0.025 [0.635] Square Terminals
Type “K”
Wire Wrap™, Standard
0.025 [0.635] Square Terminals
0.570
[14.48]
0.200 [5.08]
0.200
[5.08]
“C” = 0.175 [4.44]
“D” = 0.115 [2.92]
To Fit
0.050
± 0.002
[1.27
± 0.051]
Dia. Eyelet
Type “XFS”
Right Angle
Mounting Flange
Ø .125
[3.17]
.125 [3.17]
.250 [6.35]
.610
[15.49]
Ref.
.060 [1.52] Ref.
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C,
Standard and Right Angle Terminals
MOUNTING VARIATIONS in inches [millimeters]
PHYSICAL SPECIFICATIONS
Contact Type: Bifurcated Cantilever Beam.
Number of Contacts: 10, 12, 15, 18, 20, 22, 25, 28, 30, 31,
35, 36, 40, 43, 44, 48, 49, 50, 60 and 65 per side.
Contact Terminal Variation: Standard terminals.
Type “C” - Dip Solder, 0.025" [0.635mm] square terminals,
0.175" [4.44mm] nominal terminal length below standoffs.
Type “D” - Dip Solder, 0.025" [0.635mm] square terminals,
0.115" [2.92mm] nominal terminal length below standoffs.
Type “K” - Wire Wrap™, 0.025" [0.635mm] square terminals,
0.570" [14.48mm] nominal terminal length below standoffs.
Contact Terminal Variation: Right angle terminals.
Type “1R” - Dip Solder, 0.025" [0.635mm] square terminals,
0.120" [3.05mm] nominal terminal length x 0.150" [3.81mm]
nominal terminal row spacing.
Type “2R” - Dip Solder, 0.025" [0.635mm] square terminals,
0.120" [3.05mm] nominal terminal length x 0.200" [5.08mm]
nominal terminal row spacing.
NOTE: High temperature burn-in, edgeboard connectors, with
0.100" [2.54mm] center to center are on page 20 of this catalog.
Type “3R” - Dip Solder, 0.025" [0.635mm] square terminals,
0.180" [4.57mm] nominal terminal length x 0.150" [3.81mm]
nominal terminal row spacing.
Type “4R” - Dip Solder, 0.025" [0.635mm] square terminals,
0.180" [4.57mm] nominal terminal length x 0.200" [5.08mm]
nominal terminal row spacing.
Contact Spacing: 0.100" [2.54mm] center to center.
Contact Terminal Row Spacing:
Standard - 0.200" [5.08mm] nominal.
Right Angle - 0.200" [5.08mm] nominal and 0.150" [3.81mm]
nominal.
Card Thickness: 0.054" to 0.071" [1.37mm to 1.80mm].
Card Slot Depth: 0.300" [7.62mm].
Connector Polarization: Between contact polarization key(s)
are located to the right of the contact position(s) designated.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com