Electronic Components Datasheet Search
  English  ▼

X  

ZPY100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ZPY100
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY100 Datasheet(HTML) 4 Page - Vishay Siliconix

  ZPY100 Datasheet HTML 1Page - Vishay Siliconix ZPY100 Datasheet HTML 2Page - Vishay Siliconix ZPY100 Datasheet HTML 3Page - Vishay Siliconix ZPY100 Datasheet HTML 4Page - Vishay Siliconix ZPY100 Datasheet HTML 5Page - Vishay Siliconix ZPY100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 85790
Rev. 1.6, 07-Aug-06
ZPY3V9 to ZPY100
Vishay Semiconductors
Package Dimensions in mm (Inches): DO41
Figure 7. Breakdown Characteristics
Figure 8. Breakdown Characteristics
0
1234567
8
9
1011 121314 15 V
0
40
80
120
160
200
240
mA
I
Z
V
Z
gzpy1_01
ZPY...
T
j = 25 °C
Test Current l
Z
100 mA
50 mA
ZPY4.7
ZPY3.9
ZPY5.6
ZPY6.8
ZPY8.2
ZPY10
ZPY12
0
5
10
15
202530
35
40
45 50 V
10
20
30
40
50
60
mA
I
Z
V
Z
gzpy1_02
T
j = 25 °C
ZPY...
Test Current l
Z
25 mA
10 mA
ZPY22
ZPY18
ZPY27
ZPY33
ZPY15
ZPY39
ZPY47
0
Figure 9. Breakdown Characteristics
0
100
200 V
0
10
20
mA
I
Z
V
Z
gzpy1_03
50
150
Test Current l
Z
10 mA
5 mA
Tj = 25 °C
ZPY56
ZPY68
ZPY82
ZPY100
Cathode Identification
2.6
(0.10) max.
0.86 (0.03) max.
4.1 (0.16) max.
26 (1.02) min.
94 9368
StandardGlass Case
54B2 DIN 41880
JEDEC DO 41
26 (1.02) min.
∅
∅
ISO Method E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com