Electronic Components Datasheet Search
  English  ▼

X  

TDA3562A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA3562A
Description  PAL/NTSC ONE-CHIP DECODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA3562A Datasheet(HTML) 4 Page - STMicroelectronics

  TDA3562A Datasheet HTML 1Page - STMicroelectronics TDA3562A Datasheet HTML 2Page - STMicroelectronics TDA3562A Datasheet HTML 3Page - STMicroelectronics TDA3562A Datasheet HTML 4Page - STMicroelectronics TDA3562A Datasheet HTML 5Page - STMicroelectronics TDA3562A Datasheet HTML 6Page - STMicroelectronics TDA3562A Datasheet HTML 7Page - STMicroelectronics TDA3562A Datasheet HTML 8Page - STMicroelectronics TDA3562A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
”BLACK CURRENT” STABILIZATI ON INPUT (pin 18) (continued)
Difference between Input Voltage for ”BlackCurrent”
and Leakage Current
0.5
V
Input Resistance during Scan
1.5
k
Ω
Input Current during ”Black Current” Measurement
2
µA
Input Current during Scan
10
mA
RGB - OUTPUTS (Pins 13, 15, 17)
Output Resistance
50
Ω
Current Source
2
3
mA
Peak Output Level
10.7
11.3
V
Residual 4.4 MHz at RGB Outputs
100
mVpp
Residual 8.8 MHz at RGB Outputs
150
mVpp
LUMINANCE CHANNEL
Frequency Resp. of Total Lumin. Amplifiers
f = 0 to 5MHz
–1
–3
dB
RGB Output Signal (black to white)
3.5
4
4.5
Vpp
Relative Spread of RGB - Output Signals
1
dB
Contrast Control Range
(see fig. 1)
–5 to 10
dB
Tracking Over 10 dB Contrast Control
0
dB
Contrast Control Input Current
15
µA
Blanking Level of RGB - Output Signals
1
1.2
V
Difference Between Blanking Levels,
0
mV
Differential Drift of Blanking Levels
∆T= 40 °C
0mV
Brightness Control Input Current
5
µA
Brightness Control Range
(see fig. 3)
1 to 3
V
Relation Ship between Black Level Variation and
Brightness Control Variation
(see fig. 3)
1.3
V/V
Black Level of RGB Output Signals
(see note 4)
3
V
Difference between Black Levels
(see note 4)
0
mV
Tracking Over Brightness Control
2
%
Differential Drift of Black Levels
∆T= 40 °C
20
mV
Drift of Black Level Versus 10 % Variation of Supply
Voltage and Contrast Control
20
mV
”CUT OFF CURRENT” REGULATION
RGB Output Level of the ”3L Windows” after Switch-
on
7.5
V
RGB Outputs Level of the ”3L Windows” after Cut
off Current Stabilization
(see note 4)
1
3
5
V
RGB Output Range
1
5
V
Charge/Discharge Current during Measuring Time
(3L windows) at Pins 10, 19, 20 and 21
1mA
Leakage Currents Flowing into Pins 10, 20 and 21
during Scan
50
nA
RGB DATA INSERTION
Data RGB Output Signal
V9 = 0.9 to 3V
4
Vpp
Differential Amplitude Error between RGB Output
Signal and Data Output Signal
10
%
Differential Error between Black Levels of RGB
Output Signals and Black Levels of Data Output
Signals
200
mV
TDA3562A
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com