Electronic Components Datasheet Search
  English  ▼

X  

25TTS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 25TTS
Description  Phase Control SCR, 25 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25TTS Datasheet(HTML) 4 Page - Vishay Siliconix

  25TTS Datasheet HTML 1Page - Vishay Siliconix 25TTS Datasheet HTML 2Page - Vishay Siliconix 25TTS Datasheet HTML 3Page - Vishay Siliconix 25TTS Datasheet HTML 4Page - Vishay Siliconix 25TTS Datasheet HTML 5Page - Vishay Siliconix 25TTS Datasheet HTML 6Page - Vishay Siliconix 25TTS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93702
4
Revision: 19-Jun-08
25TTS... High Voltage Series
Vishay High Power Products Phase Control SCR, 25 A
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
110
100
90
130
015
Average On-State Current (A)
520
10
120
25TTS.. Series
R
thJC (DC) = 1.1 °C/W
30°
60°
90°
120°
180°
Ø
Conduction angle
110
100
90
80
130
015
Average On-State Current (A)
520
25
30
10
120
25TTS.. Series
R
thJC (DC) = 1.1 °C/W
Ø
Conduction period
30°
60°
90°
120°
180°
DC
0
5
10
15
20
25
04
8
12
16
20
Average On-State Current (A)
Ø
Conduction angle
25TTS.. Series
T
J = 125 °C
180°
120°
90°
60°
30°
RMS limit
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
Average On-State Current (A)
DC
180°
120°
90°
60°
30°
RMS limit
25TTS.. Series
T
J = 125 °C
Ø
Conduction period
150
1
10
100
200
250
300
350
Number of Equal Amplitude Half Cycle
Current Pulses (N)
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge
25TTS.. Series
150
100
0.01
0.1
1
200
250
300
350
400
Pulse Train Duration (s)
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
25TTS.. Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com