Electronic Components Datasheet Search
  English  ▼

X  

TDA7212 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7212
Description  LOW VOLTAGE FM XTAL CONTROLLED FRONT-END
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7212 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7212 Datasheet HTML 1Page - STMicroelectronics TDA7212 Datasheet HTML 2Page - STMicroelectronics TDA7212 Datasheet HTML 3Page - STMicroelectronics TDA7212 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Information furnished is believed to be accurate and reliable. However, S GS-THOMSON Microelectronics assumes no responsibil-
ity for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may
result from its use. N o licence is granted by implication or otherwise under any pate nt or patent rights of SGS-THOMSON Micro-
electronic s. S pecifica tions mentioned in this publication are subject to change without notice. This publication supe rsedes and
replaces all inform ation previously supplied. SGS-TH OMSON Microelectronics products are not authorized for use as critical com-
ponents in life s upport devices or systems without express written approval of S GS-THOMSON Microelectronics.
© 1992 SGS-THOMSON Microelectronics - A ll Rights Reserved
SGS-THOM SON Microelectronics GROUP OF C OMPANIES
Australia - Brazil - China - France - Germa ny - Hong Kong - Italy - Japan - K orea - M alaysia - M alta - Morocco
The Netherlands - Singapore - Spain - Sw eden - Switzerland - Taiwan - U nited Kingdo m - U .S.A.
8
14
B
e
D
b
Z
e3
B1
E
5
Z
e4
b1
PM-DIP8.EPS
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0260
i
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060
TDA7212
4/4



Html Pages

1 2 3 4