Electronic Components Datasheet Search
  English  ▼

X  

TDA7240A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7240A
Description  20WBRIDGE AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7240A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7240A Datasheet HTML 1Page - STMicroelectronics TDA7240A Datasheet HTML 2Page - STMicroelectronics TDA7240A Datasheet HTML 3Page - STMicroelectronics TDA7240A Datasheet HTML 4Page - STMicroelectronics TDA7240A Datasheet HTML 5Page - STMicroelectronics TDA7240A Datasheet HTML 6Page - STMicroelectronics TDA7240A Datasheet HTML 7Page - STMicroelectronics TDA7240A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (refer to the circuit of fig. 1, Tamb =25
°C, Rth (heatsink)= 4°C/W,
Vs = 14.4V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
18
V
Vos
Output Offset Voltage
150
mV
Id
Total Quiescent Current
RL =4
Ω
65
120
mA
Po
Output Power
f = 1kHz; d = 10%
RL =4
Ω
RL =8
Ω
18
10
20
12
W
W
d
Distortion
RL =4
Ω
f = 1kHz
Po = 50mW to 12W
0.1
0.5
%
RL =8
Ω
f = 1kHz
Po = 50mW to 12W
0.05
0.5
%
GV
Voltage Gain
f = 1KHz
39.5
40
40.5
dB
SVR
Supply Voltage Rejection
f = 100Hz
Rg = 10K
Ω
35
40
dB
EN
Total Input Noise
Rg = 10K
Ω
(*)
(**)
2
310
µV
µV
η
Efficiency
RL =4
Ω
f = 1KHz
65
%
Isb
Stand-by Current
200
µA
Ri
Input Resistance
f = 1kHz
70
k
Ω
Vi
Input Sensitivity
f = 1kHz; Po = 2W; RL =4
Ω
28
mV
fL
Low Frequency Roll Off
(–3dB)
Po = 15W;
RL =4
Ω
30
Hz
fH
High Frequency Roll Off
(–3dB)
Po = 15W;
RL = 4
Ω
25
kHz
As
Stand-by Attenuation
Vo = 2Vrms
70
90
dB
VTH (pin2) Stand-by Threshold
1
V
(*) B= Curve A
(**) B = 22Hz to 22 KHz
Figure2: P.C. Board and Components layout of the Circuit of Fig. 1.(1:1scale)
TDA7240A
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com