Electronic Components Datasheet Search
  English  ▼

X  

TDA7240AH Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7240AH
Description  20WBRIDGE AMPLIFIER FOR CAR RADIO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7240AH Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7240AH Datasheet HTML 1Page - STMicroelectronics TDA7240AH Datasheet HTML 2Page - STMicroelectronics TDA7240AH Datasheet HTML 3Page - STMicroelectronics TDA7240AH Datasheet HTML 4Page - STMicroelectronics TDA7240AH Datasheet HTML 5Page - STMicroelectronics TDA7240AH Datasheet HTML 6Page - STMicroelectronics TDA7240AH Datasheet HTML 7Page - STMicroelectronics TDA7240AH Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TDA7240A
December 1998
20W BRIDGE AMPLIFIER FOR CAR RADIO
.
COMPACT HEPTAWATT PACKAGE
.
FEW EXTERNAL COMPONENTS
.
OUTPUT PROTECTED AGAINST SHORT
CIRCUITS TO GROUND AND ACROSS LOAD
.
DUMP TRANSIENT
.
THERMAL SHUTDOWN
.
LOUDSPEAKER PROTECTION
.
HIGH CURRENT CAPABILITY
.
LOW DISTORTION/LOW NOISE
DESCRIPTION
Heptawatt H
Heptawatt V
ORDERING NUMBERS:
TDA7240AH
TDA7240AV
The TDA7240A is a 20W bridge audio amplifier IC
designed specially for car radio applications.
Thanks to the low external part count and compact
Heptawatt 7-pin power package the TDA7240A
occupies little space on the printed circuit board.
Reliable operation is guaranteed by a comprehen-
sive array of on-chip protection features. These in-
clude protection against AC and DC output short
circuits (to ground and across the load), load dump
transients, and junction overtemperature. Additio-
nally, theTDA7240Aprotectstheloudspeakerwhen
one output is short-circuited to ground.
Figure 1: Test and Application Circuit
®
1/8


Similar Part No. - TDA7240AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7241 STMICROELECTRONICS-TDA7241 Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
TDA7241BH STMICROELECTRONICS-TDA7241BH Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
Mar-1995
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
6W AUDIO AMPLIFIER WITH STAND-BY
May-1997
More results

Similar Description - TDA7240AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
FM IF Amplifier for Car Radio
logo
Panasonic Semiconductor
AN7310N PANASONIC-AN7310N Datasheet
348Kb / 4P
Dual Pre-Amplifier for Car Radio
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
logo
Unisonic Technologies
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com