Electronic Components Datasheet Search
  English  ▼

X  

IRF730AL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRF730AL
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF730AL Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF730AL Datasheet HTML 1Page - Vishay Siliconix IRF730AL Datasheet HTML 2Page - Vishay Siliconix IRF730AL Datasheet HTML 3Page - Vishay Siliconix IRF730AL Datasheet HTML 4Page - Vishay Siliconix IRF730AL Datasheet HTML 5Page - Vishay Siliconix IRF730AL Datasheet HTML 6Page - Vishay Siliconix IRF730AL Datasheet HTML 7Page - Vishay Siliconix IRF730AL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91046
www.vishay.com
S-Pending-Rev. A, 30-May-08
WORK-IN-PROGRESS
1
Power MOSFET
IRF730AS, SiHF730AS, IRF730AL, SiHF730AL
Vishay Siliconix
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Effective Coss Specified
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Sspeed Power Switching
TYPICAL SMPS TOPOLOGIES
• Single Transistor Flyback Xfmr. Reset
• Single Transistor Forward Xfmr. Reset
(Both US Line Input Only)
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 19 mH, RG = 25 Ω, IAS = 5.5 A (see fig. 12).
c. ISD ≤ 5.5 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. Uses IRF730A/SiHF730A data and test condition
PRODUCT SUMMARY
VDS (V)
400
RDS(on) (Max.) (Ω)VGS = 10 V
1.0
Qg (Max.) (nC)
22
Qgs (nC)
5.8
Qgd (nC)
9.3
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free
IRF730ASPbF
IRF730ASTRLPbFa
IRF730ASTRRPbFa
IRF730ALPbF
SiHF730AS-E3
SiHF730ASTL-E3a
SiHF730ASTR-E3a
SiHFL014T-E3
SnPb
IRF730AS
IRF730ASTRLa
--
SiHF730AS
SiHF730ASTLa
--
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
400
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
5.5
A
TC = 100 °C
3.5
Pulsed Drain Currenta, e
IDM
22
Linear Derating Factor
0.6
W/°C
Single Pulse Avalanche Energyb, e
EAS
290
mJ
Avalanche Currenta
IAR
5.5
A
Repetiitive Avalanche Energya
EAR
7.4
mJ
Maximum Power Dissipation
TC = 25 °C
PD
74
W
Peak Diode Recovery dV/dtc, e
dV/dt
4.6
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRF730AL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730AL IRF-IRF730AL Datasheet
162Kb / 10P
SMPS MOSFET
IRF730ALPBF IRF-IRF730ALPBF Datasheet
296Kb / 10P
HEXFET Power MOSFET (SMPS MOSFET)
More results

Similar Description - IRF730AL

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com