Electronic Components Datasheet Search
  English  ▼

X  

TDA7266M Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7266M
Description  7W MONO BRIDGE AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266M Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7266M Datasheet HTML 1Page - STMicroelectronics TDA7266M Datasheet HTML 2Page - STMicroelectronics TDA7266M Datasheet HTML 3Page - STMicroelectronics TDA7266M Datasheet HTML 4Page - STMicroelectronics TDA7266M Datasheet HTML 5Page - STMicroelectronics TDA7266M Datasheet HTML 6Page - STMicroelectronics TDA7266M Datasheet HTML 7Page - STMicroelectronics TDA7266M Datasheet HTML 8Page - STMicroelectronics TDA7266M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7266M
7W MONO BRIDGE AMPLIFIER
WIDE SUPPLY VOLTAGE RANGE (3-18V)
MINIMUM EXTERNAL COMPONENTS
– NO SWR CAPACITOR
– NO BOOTSTRAP
– NO BOUCHEROT CELLS
– INTERNALLY FIXED GAIN
STAND-BY & MUTE FUNCTIONS
SHORT CIRCUIT PROTECTION
THERMAL OVERLOAD PROTECTION
DESCRIPTION
The TDA7266M is a mono bridge amplifier spe-
cially designed for TV and Portable Radio appli-
cations.
August 1998
®
1
2
4
Vref
ST-BY
7
IN1
0.22
µF
VCC
13
3
D98AU831A
+
-
-
+
OUT1+
OUT1-
MUTE
6
8
9
S-GND
PW-GND
470
µF
100nF
BLOCK AND APPLICATION DIAGRAM
Multiwatt 15
ORDERING NUMBER: TDA7266M
TECHNOLOGY BI20II
1/9


Similar Part No. - TDA7266M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
170Kb / 9P
7W MONO BRIDGE AMPLIFIER
Jul-2002
TDA7266MA STMICROELECTRONICS-TDA7266MA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7266M STMICROELECTRONICS-TDA7266M_V01 Datasheet
170Kb / 9P
7W MONO BRIDGE AMPLIFIER
Jul-2002
More results

Similar Description - TDA7266M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA7056 STMICROELECTRONICS-STA7056 Datasheet
60Kb / 5P
3W MONO BRIDGE AMPLIFIER
Mar-2000
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
7W AUDIO AMPLIFIER
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
77W DUAL BRIDGE AMPLIFIER
2002-Mar
TDA7266L STMICROELECTRONICS-TDA7266L Datasheet
122Kb / 7P
5W MONO BRIDGE AMPLIFIER
Feb-2001
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Maxim Integrated Produc...
MAX9737 MAXIM-MAX9737 Datasheet
347Kb / 13P
Mono 7W Class D Amplifier
Rev 0; 10/08
logo
Unisonic Technologies
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_10 Datasheet
257Kb / 8P
77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
7W DUAL BRIDGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com