Electronic Components Datasheet Search
  English  ▼

X  

82DA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 82DA
Description  Aluminum Capacitors 85 째C, Snap-In, General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

82DA Datasheet(HTML) 1 Page - Vishay Siliconix

  82DA_08 Datasheet HTML 1Page - Vishay Siliconix 82DA_08 Datasheet HTML 2Page - Vishay Siliconix 82DA_08 Datasheet HTML 3Page - Vishay Siliconix 82DA_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 42064
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 29-Aug-08
227
Aluminum Capacitors
+ 85 °C, Snap-In, General Purpose
82DA
Vishay Sprague
FEATURES
• Maximum CV
• General purpose design
• Wide voltage range
• Molded cover available in 2 or 3 terminal design with
standoffs
• Replaces type 82D
Fig.1 Component Outlines
Available
Pb-free
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in inches (mm)
0.87 x 1.00 (22.0 x 25.0)
to 1.57 x 3.18 (40.0 x 80.0)
Operating temperature
- 40 °C to + 85 °C
Rated capacitance
range, CR
33 µF to 270 000 µF
Tolerance on CR
± 20 %
Rated voltage range,
UR
6.3 WVDC to 500 WVDC
Termination
Snap-in
Life validation test
at 85 °C
2000 h:
ΔCAP ≤ 15 % from initial
measurement.
ΔESR ≤ 1.5 x initial
specified limit.
ΔDCL ≤ initial specified
limit
Shelf life at 85 °C
500 h:
ΔCAP ≤ 15 % from initial
measurement.
ΔESR ≤ 1.3 x initial
specified limit.
ΔDCL ≤ 2 x initial
specified limit
DC leakage current
5 min charge time
I = K
K = 4.0 at + 25 °C
I in µA, C in µF, V in Volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
+ 55 °C
2.0
+ 65 °C
1.7
+ 75 °C
1.4
+ 85 °C
1.0
FREQUENCY (Hz)
WVDC
50 TO 60
300 TO 1000
1000 AND UP
16 to 49
0.85
1.10
1.15
50 to 199
0.83
1.15
1.20
200 to 400
0.80
1.30
1.40
DIMENSIONS in inches (millimeters)
CASE
CODE
DIAMETER
LENGTH
STYLE 2
TYPICAL
WEIGHT
(g)
CASE
CODE
DIAMETER
LENGTH
STYLE 2
TYPICAL
WEIGHT
(g)
D + 0.04 - 0 (+ 1.0 - 0)
L ± 0.08 (2.0)
D + 0.04 - 0 (+ 1.0 - 0)
L ± 0.08 (2.0)
HA
0.87 (22.0)
1.00 (25.0)
16.0
MB
1.38 (35.0)
1.18 (30.0)
48.0
HB
0.87 (22.0)
1.18 (30.0)
19.0
MC
1.38 (35.0)
1.38 (35.0)
54.0
HD
0.87 (22.0)
1.57 (40.0)
24.0
MD
1.38 (35.0)
1.57 (40.0)
61.0
JA
1.00 (25.0)
1.00 (25.0)
20.0
ME
1.38 (35.0)
2.00 (50.0)
74.0
JB
1.00 (25.0)
1.18 (30.0)
24.0
MF
1.38 (35.0)
2.50 (63.0)
91.0
JC
1.00 (25.0)
1.38 (35.0)
27.0
MG
1.38 (35.0)
3.18 (80.0)
113.0
JD
1.00 (25.0)
1.57 (40.0)
31.0
NA
1.58 (40.0)
1.00 (25.0)
48.0
JE
1.00 (25.0)
2.00 (50.0)
38.0
NB
1.58 (40.0)
1.18 (30.0)
58.0
KA
1.18 (30.0)
1.00 (25.0)
30.0
NC
1.58 (40.0)
1.38 (35.0)
66.0
KB
1.18 (30.0)
1.18 (30.0)
35.0
ND
1.58 (40.0)
1.57 (40.0)
81.0
KC
1.18 (30.0)
1.38 (35.0)
39.0
NE
1.58 (40.0)
2.00 (50.0)
103.0
KD
1.18 (30.0)
1.57 (40.0)
44.0
NF
1.58 (40.0)
2.50 (63.0)
128.0
KE
1.18 (30.0)
2.00 (50.0)
53.0
NG
1.58 (40.0)
3.18 (80.0)
183.0


Similar Part No. - 82DA_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82DA102M200KE2D VISHAY-82DA102M200KE2D Datasheet
189Kb / 3P
Aluminum Capacitors 85 C, Snap-in, General Purpose
23-May-05
82DA103M025KA2D VISHAY-82DA103M025KA2D Datasheet
189Kb / 3P
Aluminum Capacitors 85 C, Snap-in, General Purpose
23-May-05
82DA103M035KB2D VISHAY-82DA103M035KB2D Datasheet
189Kb / 3P
Aluminum Capacitors 85 C, Snap-in, General Purpose
23-May-05
More results

Similar Description - 82DA_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
82DA VISHAY-82DA Datasheet
189Kb / 3P
Aluminum Capacitors 85 C, Snap-in, General Purpose
23-May-05
80D VISHAY-80D Datasheet
340Kb / 5P
Aluminum Capacitors 85 째C, Snap-In
27-Aug-08
82D VISHAY-82D Datasheet
362Kb / 6P
Aluminum Capacitors 85 °C, Snap-In, General Purpose
27-Aug-08
197PGP-SI VISHAY-197PGP-SI Datasheet
109Kb / 8P
Aluminum Capacitors Power General Purpose Snap-In
18-Aug-08
logo
Cornell Dubilier Electr...
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
Aluminum Capacitors Power General Purpose Snap-In
12-Oct-11
80D VISHAY-80D_12 Datasheet
92Kb / 4P
Aluminum Capacitors 85 °C, Snap-In
29-Aug-11
logo
Cornell Dubilier Electr...
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com