Electronic Components Datasheet Search
  English  ▼

X  

LA74302FN Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA74302FN
Description  Monolithic Linear IC Audio Interface for DSC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74302FN Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA74302FN Datasheet HTML 1Page - Sanyo Semicon Device LA74302FN Datasheet HTML 2Page - Sanyo Semicon Device LA74302FN Datasheet HTML 3Page - Sanyo Semicon Device LA74302FN Datasheet HTML 4Page - Sanyo Semicon Device LA74302FN Datasheet HTML 5Page - Sanyo Semicon Device LA74302FN Datasheet HTML 6Page - Sanyo Semicon Device LA74302FN Datasheet HTML 7Page - Sanyo Semicon Device LA74302FN Datasheet HTML 8Page - Sanyo Semicon Device LA74302FN Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LA74302FN
No.A1180-2/12
Operating Conditions at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCCL
3.0
V
VCCD
3.0
V
Recommended supply voltage
VCCSP
3.0
V
VCCL
2.7 to 3.6
V
VCCD
2.7 to 3.6
V
Allowable operating voltage range
VCCSP
Take care not to exceed Pd max.
2.7 to 3.6
V
Electrical Characteristics at Ta=25
°C, VCCL, D, SP=3.0V, f=1kHz
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current
Quiescent circuit current 1
ICCA1
VCCA=3.0V: FULL operation
5.2
7.0
8.8
mA
Quiescent circuit current 2
ICCA2
VCCA=3.0V: REC BLOCK (MIC/ALC/REC AMP)
POWER SAVE
2.4
3.2
4
mA
Quiescent circuit current 3
ICCA3
VCCA=3.0V: LINE AMP POWER SAVE
4.8
6.4
8.0
mA
Quiescent circuit current 4
ICCD1
VCCD=3.0V
2.1
2.8
3.5
mA
Quiescent circuit current 5
ICCSP1
VCCSP=3.0V: SPK POWER ON
1.2
2.5
5
mA
Quiescent circuit current 6
ICCSP2
VCCSP=3.0V: SPK POWER SAVE
0.3
0.6
0.9
mA
REC output system
REC reference output LEVEL
VOR
ALC IN, VIN=-44dBV
-15
-14
-13
dBV
REC reference output distortion rate 1
HDR1
ALC IN, VIN=-44dBV,
THD: from 2nd to 5th harmonic
0.03
0.1
%
ALC characteristics 1
ALM1
ALC IN, VIN=-28dBV (reference+16dB),
ALC LEVEL: reference +10dB
-7
-4
-1
dBV
ALC distortion rate 1
ALMD1
ALC IN, VIN=-28dBV (reference +16dB),
ALC LEVEL: reference +10dB
0.3
0.5
%
ALC characteristics 2
ALM2
ALC IN, VIN=-12dBV (reference +32dB),
ALC LEVEL: reference +10dB
-7
-4
-1
dBV
ALC distortion rate 2
ALMD2
ALC IN, VIN=-12dBV (reference +32dB),
ALC LEVEL: reference +10dB,
THD: from 2nd to 5th harmonic
0.4
1
%
REC output noise voltage
VNOR
ALC IN no input, JIS-A Filter
-82
-68
dBV
REC output frequency characteristics 1
FEQR1
ALC IN, VIN=-36dBV, Comparison of
f=4kHz/1kHz
-4.5
-3
-1.5
dBV
REC output frequency characteristics 2
FEQR2
ALC IN, VIN=-36dBV, Comparison of
f=22kHz/1kHz
-31
-25
dB
REC output frequency characteristics 3
FEQR3
ALC IN, VIN=-36dBV, Comparison of
f=100kHz/1kHz
-70
-60
dB
LINE output system
LINE reference output LEVEL
VOL
PB IN, VIN=-14dBV
-7
-6
-5
dBV
LINE reference output distortion rate
HDL
PB IN, VIN=-14dBV,
THD: from 2nd to 5th harmonic
0.1
0.2
%
LINE reference output noise voltage
VNOL
PB IN, no input, JIS-A Filter
-90
-82
dBV
LINE max output LEVEL
VOML
PB IN, LEVEL at which THD (from 2nd to 5th
harmonic)=1%
-1
0
dBV
LINE output frequency characteristics 1
FEQP1
PB IN, VIN=-10dBV, Comparison of f=4kHz/1kHz
-4.5
-3
-1.5
dB
LINE output frequency characteristics 2
FEQP2
PB IN, VIN=-10dBV, Comparison of
f=22kHz/1kHz
-31
-25
dB
LINE output frequency characteristics 3
FEQP3
PB IN, VIN=-10dBV, Comparison of
f=100kHz/1kHz
-70
-60
dB
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com