Electronic Components Datasheet Search
  English  ▼

X  

IRFBC40LC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFBC40LC
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFBC40LC Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFBC40LC Datasheet HTML 1Page - Vishay Siliconix IRFBC40LC Datasheet HTML 2Page - Vishay Siliconix IRFBC40LC Datasheet HTML 3Page - Vishay Siliconix IRFBC40LC Datasheet HTML 4Page - Vishay Siliconix IRFBC40LC Datasheet HTML 5Page - Vishay Siliconix IRFBC40LC Datasheet HTML 6Page - Vishay Siliconix IRFBC40LC Datasheet HTML 7Page - Vishay Siliconix IRFBC40LC Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91114
www.vishay.com
S-81567-Rev. A, 28-Jul-08
1
Power MOSFET
IRFBC40LC, SiHFBC40LC
Vishay Siliconix
FEATURES
• Ultra Low Gate Charge
• Reduced Gate Drive Requirement
• Enhanced 30 V, VGS Rating
• Reduced Ciss, Coss, Crss
• Extremely High Frequency Operation
• Repetitive Avalanche Rated
• Lead (Pb)-free Available
DESCRIPTION
This new series of low charge Power MOSFETs achieve
significantly lower gate charge over conventional Power
MOSFETs. Utilizing the new LCDMOS technology, the
device improvements are achieved without added product
cost, allowing for reduced gate drive requirements and total
system savings. In addition reduced switching losses and
improved efficiency are achievable in a variety of high
frequency applications. Frequencies of a few MHz at high
current are possible using the new low charge Power
MOSFETs.
These device improvements combined with the proven
ruggedness and reliability that are characteristic of Power
MOSFETs offer the designer a new standard in power
transistors for switching applications.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 25 mH, RG = 25 Ω, IAS = 6.2 A (see fig. 12).
c. ISD ≤ 6.2 A, dI/dt ≤ 80 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
600 V
RDS(on) (Ω)VGS = 10 V
1.2
Qg (Max.) (nC)
39
Qgs (nC)
10
Qgd (nC)
19
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220
Lead (Pb)-free
IRFBC40LCPbF
SiHFBC40LC-E3
SnPb
IRFBC40LC
SiHFBC40LC
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Gate-Source Voltage
VGS
± 30
V
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
6.2
A
TC = 100 °C
3.9
Pulsed Drain Currenta
IDM
25
Linear Derating Factor
1.0
W/°C
Single Pulse Avalanche Energyb
EAS
530
mJ
Repetitive Avalanche Currenta
IAR
6.2
A
Repetitive Avalanche Energya
EAR
13
mJ
Maximum Power Dissipation
TC = 25 °C
PD
125
W
Peak Diode Recovery dV/dtc
dV/dt
3.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFBC40LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC40LC IRF-IRFBC40LC Datasheet
176Kb / 8P
HEXFET-R POWER MOSFET
logo
Vishay Siliconix
IRFBC40LC VISHAY-IRFBC40LC Datasheet
285Kb / 9P
Power MOSFET
21-Mar-11
IRFBC40LCPBF VISHAY-IRFBC40LCPBF Datasheet
285Kb / 9P
Power MOSFET
21-Mar-11
IRFBC40LC VISHAY-IRFBC40LC_V01 Datasheet
285Kb / 9P
Power MOSFET
21-Mar-11
More results

Similar Description - IRFBC40LC

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com