Electronic Components Datasheet Search
  English  ▼

X  

IRFBF20L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFBF20L
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFBF20L Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFBF20L Datasheet HTML 1Page - Vishay Siliconix IRFBF20L Datasheet HTML 2Page - Vishay Siliconix IRFBF20L Datasheet HTML 3Page - Vishay Siliconix IRFBF20L Datasheet HTML 4Page - Vishay Siliconix IRFBF20L Datasheet HTML 5Page - Vishay Siliconix IRFBF20L Datasheet HTML 6Page - Vishay Siliconix IRFBF20L Datasheet HTML 7Page - Vishay Siliconix IRFBF20L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91121
www.vishay.com
S-Pending-Rev. A, 23-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRFBF20S, IRFBF20L, SiHFBF20S, SiHFBF20L
Vishay Siliconix
FEATURES
• Surface Mount (IRFBF20S/SiHFBF20S)
• Low-Profile Through-Hole (IRFBF20L/SiHFBF20L)
• Available
in
Tape
and
Reel
(IRFBF20S/SiHFBF20S)
• Dynamic dV/dt Rating
• 150 °C Operating Temperature
• Fast Switching
• Fully Avalanche Rated
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs form Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK is a surface mount power package capabel of
the accommodating die sizes up to HEX-4. It provides the
highest
power
capability
and
the
lowest
possible
on-resistance in any existing surface mount package. The
D2PAK is suitable for high current applications because of its
low internal connection resistance and can dissipate up to
2.0 W in a typical surface mount application. The
through-hole version (IRFBF20L/SiHFBF20L) is available for
low-profile applications.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
900
RDS(on) (Ω)VGS = 10 V
8.0
Qg (Max.) (nC)
38
Qgs (nC)
4.7
Qgd (nC)
21
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free
IRFBF20SPbF
IRFBF20STRLPbFa
IRFBF20STRRPbFa
IRFBF20LPbF
SiHFBF20S-E3
SiHFBF20STL-E3a
SiHFBF20STR-E3a
SiHFBF20L-E3
SnPb
IRFBF20S
IRFBF20STRLa
IRFBF20STRRa
IRFBF20L
SiHFBF20S-E3
SiHFBF20STLa
SiHFBF20STRa
SiHFBF20L
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltagee
VDS
900
V
Gate-Source Voltagee
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
1.7
A
TC = 100 °C
1.1
Pulsed Drain Currenta,e
IDM
6.8
Linear Derating Factor
0.43
W/°C
Single Pulse Avalanche Energyb, e
EAS
180
mJ
Repetitive Avalanche Currenta
IAR
1.7
A
Repetitive Avalanche Energya
EAR
5.4
mJ
Maximum Power Dissipation
TC = 25 °C
PD
54
W
TA = 25 °C
3.1
Peak Diode Recovery dV/dtc, e
dV/dt
1.5
V/ns
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFBF20L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBF20L IRF-IRFBF20L Datasheet
311Kb / 10P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
logo
Vishay Siliconix
IRFBF20L VISHAY-IRFBF20L Datasheet
312Kb / 11P
Power MOSFET
13-Apr-2020
logo
International Rectifier
IRFBF20LPBF IRF-IRFBF20LPBF Datasheet
373Kb / 10P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBF20LPBF VISHAY-IRFBF20LPBF Datasheet
312Kb / 11P
Power MOSFET
13-Apr-2020
More results

Similar Description - IRFBF20L

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com