Electronic Components Datasheet Search
  English  ▼

X  

IRFD224 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRFD224
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFD224 Datasheet(HTML) 2 Page - Vishay Siliconix

  IRFD224 Datasheet HTML 1Page - Vishay Siliconix IRFD224 Datasheet HTML 2Page - Vishay Siliconix IRFD224 Datasheet HTML 3Page - Vishay Siliconix IRFD224 Datasheet HTML 4Page - Vishay Siliconix IRFD224 Datasheet HTML 5Page - Vishay Siliconix IRFD224 Datasheet HTML 6Page - Vishay Siliconix IRFD224 Datasheet HTML 7Page - Vishay Siliconix IRFD224 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91132
2
S-Pending-Rev. A, 23-Jun-08
IRFD224, SiHFD224
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-
120
°C/W
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
250
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.36
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 400 V, VGS = 0 V
-
-
25
µA
VDS = 320 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 0.38 Ab
--
1.1
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 2.6 A
1.5
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
260
-
pF
Output Capacitance
Coss
-77
-
Reverse Transfer Capacitance
Crss
-15
-
Total Gate Charge
Qg
VGS = 10 V
ID = 4.4 A, VDS = 200 V,
see fig. 6 and 13b
--
14
nC
Gate-Source Charge
Qgs
--
2.7
Gate-Drain Charge
Qgd
--
7.8
Turn-On Delay Time
td(on)
VDD = 125 V, ID = 4.4 A,
RG = 18 Ω, RD = 28 Ω, see fig. 10b
-7.0
-
ns
Rise Time
tr
-13
-
Turn-Off Delay Time
td(off)
-20
-
Fall Time
tf
-12
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.0
-
nH
Internal Source Inductance
LS
-6.0
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
-
-
0.63
A
Pulsed Diode Forward Currenta
ISM
--
5.0
Body Diode Voltage
VSD
TJ = 25 °C, IS = 0.63 A, VGS = 0 Vb
--
1.8
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 4.4 A, dI/dt = 100 A/µsb
-
200
400
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.93
1.9
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com