Electronic Components Datasheet Search
  English  ▼

X  

IRFD320 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFD320
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFD320 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFD320 Datasheet HTML 1Page - Vishay Siliconix IRFD320 Datasheet HTML 2Page - Vishay Siliconix IRFD320 Datasheet HTML 3Page - Vishay Siliconix IRFD320 Datasheet HTML 4Page - Vishay Siliconix IRFD320 Datasheet HTML 5Page - Vishay Siliconix IRFD320 Datasheet HTML 6Page - Vishay Siliconix IRFD320 Datasheet HTML 7Page - Vishay Siliconix IRFD320 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91134
www.vishay.com
S-Pending-Rev. A, 23-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRFD320, SiHFD320
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• For Automatic Insertion
• End Stackable
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The 4 pin DIP package is a low cost machine-insertiable
case style which can be stacked in multiple combinations on
standard 0.1" pin centers. The dual drain serveres as a
thermal link to the mounting surface for power dissipation
levels up to 1 W.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 21 mH, RG = 25 Ω, IAS = 2.0 A (see fig. 12).
c. ISD ≤ 2.0 A, dI/dt ≤ 40 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
400
RDS(on) (Ω)VGS = 10 V
1.8
Qg (Max.) (nC)
20
Qgs (nC)
3.3
Qgd (nC)
11
Configuration
Single
N-Channel MOSFET
G
D
S
HEXDIP
D
S
G
RoHS
COMPLIANT
ORDERING INFORMATION
Package
HEXDIP
Lead (Pb)-free
IRFD320PbF
SiHFD320-E3
SnPb
IRFD320
SiHFD320
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
400
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
0.49
A
TC = 100 °C
0.31
Pulsed Drain Currenta
IDM
3.9
Linear Derating Factor
0.0083
W/°C
Single Pulse Avalanche Energyb
EAS
48
mJ
Avalanche Currenta
IAR
0.49
A
Repetitive Avalanche Energya
EAR
0.10
mJ
Maximum Power Dissipation
TC = 25 °C
PD
1.0
W
Peak Diode Recovery dV/dtc
dV/dt
4.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFD320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD320 INTERSIL-IRFD320 Datasheet
50Kb / 6P
0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
logo
Vishay Siliconix
IRFD320 VISHAY-IRFD320 Datasheet
415Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD320PBF IRF-IRFD320PBF Datasheet
937Kb / 8P
HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=1.8廓 , ID=0.49A )
logo
Vishay Siliconix
IRFD320 VISHAY-IRFD320_V01 Datasheet
415Kb / 9P
Power MOSFET
30-Aug-2021
More results

Similar Description - IRFD320

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com