Electronic Components Datasheet Search
  English  ▼

X  

MCH4021 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # MCH4021
Description  NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4021 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  MCH4021 Datasheet HTML 1Page - Sanyo Semicon Device MCH4021 Datasheet HTML 2Page - Sanyo Semicon Device MCH4021 Datasheet HTML 3Page - Sanyo Semicon Device MCH4021 Datasheet HTML 4Page - Sanyo Semicon Device MCH4021 Datasheet HTML 5Page - Sanyo Semicon Device MCH4021 Datasheet HTML 6Page - Sanyo Semicon Device MCH4021 Datasheet HTML 7Page - Sanyo Semicon Device MCH4021 Datasheet HTML 8Page - Sanyo Semicon Device MCH4021 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MCH4021
No. A1281-6/9
S Parameters (Common emitter)
VCE=1V, IC=100mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.797
-170.2
11.994
103.3
0.023
46.0
0.462
-142.7
400
0.821
-178.6
6.267
90.3
0.032
55.8
0.471
-159.7
600
0.814
176.9
4.334
82.5
0.044
60.5
0.456
-162.5
800
0.816
172.4
3.254
78.0
0.056
63.5
0.453
-167.1
1000
0.815
168.6
2.616
73.9
0.068
65.0
0.452
-169.7
1200
0.819
165.2
2.196
70.2
0.080
65.6
0.452
-172.2
1400
0.819
162.0
1.895
66.7
0.092
65.4
0.452
-173.8
1600
0.821
158.9
1.674
63.1
0.104
64.8
0.453
-175.5
1800
0.821
155.9
1.516
59.9
0.116
64.3
0.451
-177.0
2000
0.821
153.3
1.378
56.8
0.128
63.4
0.455
-178.3
2200
0.819
150.2
1.270
53.8
0.140
62.4
0.458
-179.4
2400
0.818
147.4
1.178
50.7
0.152
61.1
0.462
179.5
2600
0.815
144.6
1.107
47.7
0.164
59.7
0.464
178.3
2800
0.814
141.6
1.048
44.9
0.176
58.3
0.469
177.7
3000
0.809
138.5
0.995
42.2
0.187
56.9
0.475
176.9
3200
0.805
135.5
0.949
39.4
0.198
55.3
0.481
176.5
3400
0.803
132.2
0.909
36.7
0.209
53.8
0.486
176.1
3600
0.799
128.9
0.875
34.2
0.221
52.2
0.493
175.9
3800
0.796
125.6
0.842
31.6
0.232
50.5
0.499
175.7
4000
0.794
122.1
0.812
29.1
0.242
48.7
0.505
175.6
4200
0.792
118.7
0.785
26.7
0.252
47.0
0.511
175.6
4400
0.790
115.3
0.762
24.5
0.262
45.3
0.516
175.7
4600
0.788
111.8
0.743
22.3
0.272
43.4
0.519
175.8
4800
0.787
108.3
0.722
20.0
0.281
41.6
0.522
175.8
5000
0.785
105.1
0.707
17.9
0.290
39.9
0.525
175.8
VCE=3V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.667
-73.4
19.421
137.2
0.036
59.5
0.807
-46.2
400
0.654
-117.7
13.670
112.4
0.051
46.8
0.610
-74.6
600
0.657
-137.3
10.173
99.3
0.060
43.7
0.541
-86.7
800
0.635
-152.0
7.684
90.5
0.066
43.4
0.452
-96.5
1000
0.624
-162.0
6.158
84.2
0.071
44.2
0.407
-104.3
1200
0.621
-169.6
5.138
79.1
0.076
45.7
0.376
-110.1
1400
0.620
-175.7
4.400
74.5
0.082
47.0
0.360
-114.7
1600
0.619
178.9
3.867
70.4
0.088
48.7
0.347
-119.0
1800
0.620
174.4
3.431
66.7
0.095
49.8
0.343
-122.2
2000
0.621
170.6
3.103
63.0
0.101
50.9
0.341
-125.5
2200
0.620
166.6
2.828
59.5
0.108
51.7
0.343
-128.1
2400
0.621
163.0
2.602
56.1
0.116
52.3
0.347
-130.7
2600
0.620
159.4
2.419
52.9
0.124
52.6
0.353
-133.3
2800
0.622
156.1
2.253
49.6
0.131
52.8
0.361
-135.1
3000
0.620
152.7
2.112
46.5
0.139
52.8
0.372
-137.1
3200
0.618
149.2
1.990
43.3
0.148
52.6
0.384
-138.9
3400
0.619
145.6
1.881
40.3
0.156
52.3
0.396
-140.4
3600
0.618
142.1
1.784
37.3
0.164
51.9
0.412
-141.7
3800
0.618
138.5
1.696
34.3
0.173
51.2
0.426
-143.0
4000
0.618
134.7
1.618
31.4
0.182
50.5
0.441
-144.1
4200
0.620
130.9
1.549
28.6
0.191
49.6
0.456
-145.3
4400
0.621
127.2
1.480
25.9
0.199
48.7
0.471
-146.2
4600
0.623
123.4
1.419
23.2
0.208
47.7
0.485
-147.0
4800
0.626
119.8
1.359
20.5
0.216
46.7
0.498
-147.7
5000
0.629
116.2
1.309
18.0
0.224
45.6
0.511
-148.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com