Electronic Components Datasheet Search
  English  ▼

X  

MCH6321 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH6321
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6321 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH6321 Datasheet HTML 1Page - Sanyo Semicon Device MCH6321 Datasheet HTML 2Page - Sanyo Semicon Device MCH6321 Datasheet HTML 3Page - Sanyo Semicon Device MCH6321 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCH6321
No. A0963-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--10V, f=1MHz
375
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
77
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
58
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8.1
ns
Rise Time
tr
See specified Test Circuit.
31
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
40
ns
Fall Time
tf
See specified Test Circuit.
39
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--4A
4.6
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--4.5V, ID=--4A
0.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--4.5V, ID=--4A
1.3
nC
Diode Forward Voltage
VSD
IS=--4A, VGS=0V
--0.86
--1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7022A-009
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
PW=10µs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --2A
RL=5Ω
VDD= --10V
VOUT
MCH6321
VIN
0V
--4V
VIN
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0
--0.5
--1.0
--3.0
--2.0
--2.5
--1.5
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT13008
0
--1.0
--0.5
--1.5
--2.5
--2.0
0
--1
--2
--3
--5
--4
IT13009
--1.5V
VDS= --10V
VGS= --1.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com