Electronic Components Datasheet Search
  English  ▼

X  

2SC6091 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6091
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6091 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6091 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6091 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6091 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6091 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6091
No. A0994-1/4
Features
•
High speed.
•
High breakdown voltage (VCBO=1500V).
•
Adoption of high reliability HVP process.
•
Adoption of MBIT process.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1500
V
Collector-to-Emitter Voltage
VCEO
700
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
8A
Collector Current (Pulse)
ICP
20
A
Collector Dissipation
PC
3.0
W
Tc=25°C65
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0A
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0Ω
10
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0A
700
V
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
mA
Continued on next page.
Ordering number : ENA0994
D0507KC TI IM TC-00000485
SANYO Semiconductors
DATA SHEET
2SC6091
NPN Triple Diffused Planar Silicon Transistor
Color TV Horizontal Deflection
Output Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - 2SC6091

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC6090 ISC-2SC6090 Datasheet
175Kb / 2P
High Speed Switching
logo
Sanyo Semicon Device
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
Color TV Horizontal Deflection Output Applications
2SC6092LS SANYO-2SC6092LS Datasheet
55Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
logo
Inchange Semiconductor ...
2SC6093 ISC-2SC6093 Datasheet
277Kb / 2P
isc Silicon NPN Power Transistor
logo
Sanyo Semicon Device
2SC6093LS SANYO-2SC6093LS Datasheet
48Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
More results

Similar Description - 2SC6091

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1876 SANYO-2SD1876 Datasheet
82Kb / 3P
Color TV Horizontal Deflection Output Applications
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1883 SANYO-2SD1883 Datasheet
83Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
Color TV Horizontal Deflection Output Applications???
2SD2580 SANYO-2SD2580 Datasheet
43Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2634 SANYO-2SD2634 Datasheet
30Kb / 4P
Color TV Horizontal Deflection Output Applications
2SD2689LS SANYO-2SD2689LS Datasheet
35Kb / 4P
Color TV Horizontal Deflection Output Applications
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
Color TV Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com