Electronic Components Datasheet Search
  English  ▼

X  

PCP1104 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # PCP1104
Description  PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1104 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  PCP1104 Datasheet HTML 1Page - Sanyo Semicon Device PCP1104 Datasheet HTML 2Page - Sanyo Semicon Device PCP1104 Datasheet HTML 3Page - Sanyo Semicon Device PCP1104 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PCP1104
No. A1347-3/4
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
Collector Current, IC -- A
PC -- Ta
Ambient Temperature, Ta --
°C
fT -- IC
Cob -- VCB
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
IT14120
0
1.6
1.0
1.2
1.4
1.3
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT14113
When mounted on ceramic substrate
(450mm2
×0.8mm)
--1.0
3
--0.1
Ta=--25°C
75°C
3
2
7
5
2
23
5
2
7
--1.0
32
3
57
--0.01
IC / IB=50
IT14111
25°C
--0.1
23
5
2
7
--1.0
32
3
57
--0.01
--0.1
7
5
3
3
2
7
2
7
5
--0.01
Ta=75
°C
25
°C
--25
°C
IT14118
IC / IB=20
Ta=75°C
--25°C
VCE= --2V
IT14117
100
7
7
2
5
3
3
5
7
--0.01
3
25
2
--0.1
7
32
3
5
--1.0
25°C
--0.1
23
5
2
7
--1.0
32
3
57
--0.01
--0.1
7
5
3
2
2
--1.0
7
5
3
3
2
--0.01
Ta=
75°
C
25°C
--25°C
IT14119
IC / IB=50
2
3
5
7
10
2
3
5
7
100
7 --0.1 23 5
57--1.0 23 5 7 --10
23
5 7 --100
f=1MHz
IT01651
IT01649
2
3
5
7
100
2
3
2
3
5
5
7
1000
23
2
3
3
57
2
57
--0.01
--0.1
--1.0
VCE= --10V
--0.1
7
2
5
3
2
--1.0
7
2
5
3
5
3
--0.01
--0.01
--0.1
25
37
5
72
--1.0
5
37
2
--10
5
37
2 3
IC= --1.5A
ICP= --3A
Ta=25
°C
Single pulse
When mounted on ceramic substrate (450mm2
×0.8mm)
<10
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com