Electronic Components Datasheet Search
  English  ▼

X  

PCP1201 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # PCP1201
Description  NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1201 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  PCP1201 Datasheet HTML 1Page - Sanyo Semicon Device PCP1201 Datasheet HTML 2Page - Sanyo Semicon Device PCP1201 Datasheet HTML 3Page - Sanyo Semicon Device PCP1201 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCP1201
No. A1164-1/4
Applications
•
DC / DC converter, relay drivers, lamp drivers, motor drivers, inverter.
Features
•
Adoption of FBET, MBIT process.
•
High current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
•
High allowable power dissipation.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
150
V
Collector-to-Emitter Voltage
VCES
150
V
Collector-to-Emitter Voltage
VCEO
120
V
Emitter-to-Base Voltage
VEBO
7V
Collector Current
IC
2.5
A
Collector Current (Pulse)
ICP
4A
Base Current
IB
500
mA
Collector Dissipation
PC
When mounted on ceramic substrate (450mm2
✕0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking : QH
Ordering number : ENA1164
73008EA TI IM TC-00001468
SANYO Semiconductors
DATA SHEET
PCP1201
NPN Epitaxial Planar Silicon Transistor
High-Voltage Switching Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - PCP1201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1203 SANYO-PCP1203 Datasheet
260Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
logo
ON Semiconductor
PCP1203 ONSEMI-PCP1203 Datasheet
379Kb / 7P
Bipolar Transistor
September, 2013
PCP1203-TD-H ONSEMI-PCP1203-TD-H Datasheet
379Kb / 7P
Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
PCP1204 SANYO-PCP1204 Datasheet
260Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results

Similar Description - PCP1201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6095 SANYO-2SC6095 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1201 SANYO-SFT1201 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1202 SANYO-SFT1202 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3251 SANYO-CPH3251 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3252 SANYO-CPH3252 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com