Electronic Components Datasheet Search
  English  ▼

X  

TDA7312 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7312
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7312 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7312 Datasheet HTML 5Page - STMicroelectronics TDA7312 Datasheet HTML 6Page - STMicroelectronics TDA7312 Datasheet HTML 7Page - STMicroelectronics TDA7312 Datasheet HTML 8Page - STMicroelectronics TDA7312 Datasheet HTML 9Page - STMicroelectronics TDA7312 Datasheet HTML 10Page - STMicroelectronics TDA7312 Datasheet HTML 11Page - STMicroelectronics TDA7312 Datasheet HTML 12Page - STMicroelectronics TDA7312 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, containing the TDA7312
address (the 8th bit of the byte must be 0). The
TDA7312 must always acknowledge at the end
of each transmitted byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
TDA7312 ADDRESS
MSB
first byte
LSB
MSB
LSB
MSB
LSB
S
1
0
0
0
1 ADDR
2
ADDR
1
0
ACK
DATA
ACK
DATA
ACK P
Data Transferred (N-bytes + Acknowledge)
ACK = Acknowledge
S = Start
P = Stop
SOFTWARE SPECIFICATION
Chip address
1
MSB
00
01
ADDR
2
ADDR
1
0
LSB
DATA BYTES
MSB
LSB
FUNCTION
0
1
1
0
0
0
0
0
0
1
1
1
B2
0
1
0
1
1
B1
B1
B1
D2
0
1
B0
B0
B0
D1
C3
C3
A2
A2
A2
S2
C2
C2
A1
A1
A1
S1
C1
C1
A0
A0
A0
S0
C0
C0
Volume control
Speaker ATT L
Speaker ATT R
Audio switch
Bass control
Treble control
Ax = 1.25dB steps; Bx = 10dB steps; Cx = 2dB steps; Sx = Input Selector; DX = Dig Out Pins
ADDR2 ADDR1
CHIP ADDRESS
0
0
88 HEX
0
1
8A HEX
1
0
8C HEX
1
1
8E HEX
TDA7312
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com