Electronic Components Datasheet Search
  English  ▼

X  

6LP04SS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 6LP04SS
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

6LP04SS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  6LP04SS Datasheet HTML 1Page - Sanyo Semicon Device 6LP04SS Datasheet HTML 2Page - Sanyo Semicon Device 6LP04SS Datasheet HTML 3Page - Sanyo Semicon Device 6LP04SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6LP04SS
No. A1237-3/4
VGS -- Qg
Total Gate Charge, Qg -- nC
0
0.1
0.3
0.5
0.2
0.4
0.6
0
--0.5
--1.0
--3.0
--2.0
--1.5
--3.5
--2.5
--4.0
IT11260
VDS= --30V
ID= --100mA
SW Time -- ID
Ciss, Coss, Crss -- VDS
⏐yfs⏐ -- ID
IS -- VSD
Drain Current, ID -- A
Drain Current, ID -- mA
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
5
100
3
2
7
7
1000
5
3
2
IT11258
IT11256
--0.001
--0.01
23
5
2
7
--0.1
23
5
7
0
--5
--10
--20
--25
--15
--30
1.0
10
5
3
7
7
2
2
3
5
IT11259
IT11257
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--0.1
--1.0
7
5
3
2
--100
7
5
3
2
2
--10
7
5
3
VGS=0V
td(on)
td(off)
tf
tr
VDD= --30V
VGS= --4V
Ciss
Coss
Crss
--1.0
10
--10
23
5
7
2
100
7
5
3
2
7
5
3
2
VDS= --10V
75
°C
Ta=
--25
°C
25
°C
f=1MHz
--100
35
2
3
5
7
Ambient Temperature, Ta --
°C
PD -- Ta
0
0
0.02
0.04
0.06
0.08
0.12
0.10
0.14
0.15
0.16
20
40
60
80
100
120
140
160
IT13775
When mounted on glass epoxy substrate
(145mm
✕80mm✕1.6mm)
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
IT11255
0
--2
--4
--6
--8
--10
IT11254
30
0
10
20
5
15
25
Ta=25
°C
--60
0
10
15
5
20
--40
--20
0
20
40
60
80
100
120
140
160
VGS
= --2.5V
, ID=
--30mA
VGS
= --4.0V
, ID=
--50mA
ID= --10mA
--50mA
--30mA
VGS
= --1.5V
, ID
= --10mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com