Electronic Components Datasheet Search
  English  ▼

X  

15C01S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 15C01S
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15C01S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  15C01S Datasheet HTML 1Page - Sanyo Semicon Device 15C01S Datasheet HTML 2Page - Sanyo Semicon Device 15C01S Datasheet HTML 3Page - Sanyo Semicon Device 15C01S Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15C01S
No.7506-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0
20
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
15
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0
5
V
Turn-ON Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
77
ns
Fall Time
tf
See specified Test Circuit.
40
ns
Switching Time Test Circuit
VR
RB
VCC=5V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
220
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=20IB1= --20IB2=500mA
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
100
200
300
400
600
500
700
800
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0
0.4
0.8
1.2
1.6
0.2
0.6
1.0
1.4
1.8
2.0
10
2
3
5
7
100
2
3
5
7
1000
3
5
7
100
2
3
5
7
1000
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
IT05492
IT05493
IT05490
IT05491
0
40
80
120
160
200
20
60
100
140
180
IB=0
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
VCE=2V
VCE=2V
IC / IB=20
Ta=75
°C
--25
°C
25
°C
Ta=75
°C
--25
°C
25
°C
hFE -- IC
IC -- VCE
IC -- VBE
VCE(sat) -- IC
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
Collector Current, IC -- mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com