Electronic Components Datasheet Search
  English  ▼

X  

15C02SS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 15C02SS
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15C02SS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  15C02SS Datasheet HTML 1Page - Sanyo Semicon Device 15C02SS Datasheet HTML 2Page - Sanyo Semicon Device 15C02SS Datasheet HTML 3Page - Sanyo Semicon Device 15C02SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15C02SS
No.7357-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0
20
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
15
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0
5
V
Turn-ON Delay Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
165
ns
Turn-OFF Delay Time
tf
See specified Test Circuit.
25
ns
Switching Time Test Circuit
VR
RB
VCC=5V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
220
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=20IB1= --20IB2=400mA
hFE -- IC
IC -- VCE
IC -- VBE
VCE(sat) -- IC
Collector-to-Emitter Voltage, VCE -- mV
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
0
0
200
100
IT05037
IT05039
IT05038
400
300
600
500
800
700
1000
900
200
600
400
800
1000
100
500
300
700
900
0
0
0.2
0.4
0.6
0.8
1.0
1.2
400
1200
800
600
1000
200
100
1.0
2
3
5
7 10
2
3
5
7
2
3
5
7
100
1000
2
3
5
1000
7
IB=0
0.3mA
0.6mA
1.0mA
1.5mA
2.0mA
3.0mA
5.0mA
10.0mA
7.0mA
VCE=2V
VCE=2V
Ta=75
°C
25
°C
--25
°C
IT05042
1.0
23
5
7 10
23
5
7
23
5
7
100
1000
3
1000
100
2
3
5
7
2
3
5
7
5
7
10
IC / IB=20
Ta=75
°C
--25
°C
25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com