Electronic Components Datasheet Search
  English  ▼

X  

ECH8664R Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8664R
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8664R Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8664R Datasheet HTML 1Page - Sanyo Semicon Device ECH8664R Datasheet HTML 2Page - Sanyo Semicon Device ECH8664R Datasheet HTML 3Page - Sanyo Semicon Device ECH8664R Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECH8664R
No. A1185-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
RDS(on)1
ID=3.5A, VGS=4.5V
12.5
18
23.5
mΩ
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=3.5A, VGS=4.0V
13
19
25
mΩ
RDS(on)3
ID=2A, VGS=3.1V
14.5
21
27.3
mΩ
RDS(on)4
ID=2A, VGS=2.5V
14.5
24
34
mΩ
Turn-ON Delay Time
td(on)
See specified Test Circuit.
270
ns
Rise Time
tr
See specified Test Circuit.
850
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
3300
ns
Fall Time
tf
See specified Test Circuit.
1700
ns
Total Gate Charge
Qg
VDS=10V, VGS=4.5V, ID=7A
10
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=4.5V, ID=7A
2.1
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=4.5V, ID=7A
2.0
nC
Diode Forward Voltage
VSD
IS=7A, VGS=0V
0.75
1.2
V
Package Dimensions
Electrical Connection
unit : mm (typ)
7011A-003
Switching Time Test Circuit
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=3.5A
RL=4.3Ω
VDD=15V
VOUT
ECH8664R
VIN
4V
0V
VIN
Rg
Rg=1kΩ
876
5
123
4
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain
6 : Drain
7 : Drain
8 : Drain
Top view
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : ECH8
1
4
85
0.15
0 to 0.02
0.65
2.9
0.3
Top View
Bottom View



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com