Electronic Components Datasheet Search
  English  ▼

X  

LA0151CS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA0151CS
Description  Monolithic Linear IC For Ultra-small illumination Sensor Photo IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA0151CS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA0151CS Datasheet HTML 1Page - Sanyo Semicon Device LA0151CS Datasheet HTML 2Page - Sanyo Semicon Device LA0151CS Datasheet HTML 3Page - Sanyo Semicon Device LA0151CS Datasheet HTML 4Page - Sanyo Semicon Device LA0151CS Datasheet HTML 5Page - Sanyo Semicon Device LA0151CS Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA0151CS
No.A0975-2/6
Ipd
LA0151CS
VCC
OUT
A
A
Light
source
Electrical and optical characteristics at Ta
= 25°C, VCC = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation (1) *1, *3
ICC
Ev = 1000 lx, RL = 5kΩ, N mode
90
150
210
µA
Current dissipation (2) *1, *3
ICC
Ev = 1000 lx, RL = 5kΩ, L mode
42
70
98
µA
Output current (1) *1, *3
IO1
Ev = 100 lx, N mode
6
8
10
µA
Output current (2) *1, *3
IO2
Ev = 1000 lx, N mode
60
80
100
µA
Output current (3) *1, *3
IO3
Ev = 100 lx, L mode
0.12
0.16
0.2
µA
Output current (4) *1, *3
IO4
Ev = 1000 lx, L mode
1.2
1.6
2.0
µA
Dark current
Ileak
Ev = 0 lx, N mode, L mode
0.1
µA
Temperature coefficient *2
Itc
Ev = 100 lx, N mode, L mode,
Ta = -20 to 60
°C
0.34
%/
°C
Rise time (1) *4
Tr1
Ev = 1000 lx, RL = 5kΩ, N mode
15
40
µs
Rise time (2) *4
Tr2
Ev = 1000 lx, RL = 500kΩ, L mode
20
50
µs
Fall time (1) *4
Tf1
Ev = 1000 lx, RL = 5kΩ, N mode
150
500
µs
Fall time (2) *4
Tf2
Ev = 1000 lx, RL = 500kΩ, L mode
150
500
µs
Peak sensitivity wave length *2
λp
550
nm
Saturation output voltage *5
VO
Ev = 1000 lx, RL = 150kΩ, N mode
3.0
3.2
V
N mode and L mode stand for the normal gain mode and the low gain mode, respectively.
*1. Measured with the standard light source A. White LED is used instead in the mass production line.
*2. Design guaranteed item
*3. Test circuit for measuring current dissipation and output current
*4. Measuring method of rise time (Tr) and fall time (Tf)
*5. Reference value : min = 2.6V and typ = 2.8V when VCC = 2.9V
Ipd
0A
VOUT
90%
10%
Tf
Tr
GND
Ipd
LA0151CS
VCC
OUT
Pulse drive
White LED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com