Electronic Components Datasheet Search
  English  ▼

X  

LA0224CS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA0224CS
Description  PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA0224CS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA0224CS Datasheet HTML 1Page - Sanyo Semicon Device LA0224CS Datasheet HTML 2Page - Sanyo Semicon Device LA0224CS Datasheet HTML 3Page - Sanyo Semicon Device LA0224CS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
30508 MS PC / O0307 MS PC 20070925-S00003 No.A0828-1/4
LA0224CS
Overview
LA0224CS is a photo diode for optical disk blue-purple laser diode monitors.
Functions
• The blue-purple sensitive PN type photo diode
• Photo diode opening size: 1.0mm
• High sensitivity and light stability by the AR coating cover glass adoption.
• Small size and thin type CSP Package: ODCSP4, size: 1.22mm×1.38mm×0.6mm
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse voltage
VR
10
V
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +85
°C
Electrical and Optical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Dark current
ID
VR = 10V
0.01
2
nA
GB
λ = 405nm
0.22
0.28
A/W
GD
λ = 650nm
0.34
0.44
A/W
Receiving sensitivity
GC
λ = 780nm
0.33
0.43
A/W
Forward voltage
VF
IF = 1mA
615
715
815
mV
Interterminal capacitance
C
VR = 2.5V
65
pF
PN type Photo Diode
For Optical Disk Blue-purple
Laser Diode monitors
Ordering number : ENA0828A


Similar Part No. - LA0224CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA0225CS SANYO-LA0225CS Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
LA0225CV SANYO-LA0225CV Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
More results

Similar Description - LA0224CS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT0H12M SHARP-LT0H12M Datasheet
39Kb / 3P
Hologram Laser(1 beam) for Magneto-Optical disk
logo
NICHIA CORPORATION
NDB7112E NICHIA-NDB7112E Datasheet
269Kb / 3P
Blue Laser Diode
NDHB510APA NICHIA-NDHB510APA Datasheet
205Kb / 3P
Blue Laser Diode
logo
Sanyo Semicon Device
LA0225CS SANYO-LA0225CS Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
LA0225CV SANYO-LA0225CV Datasheet
59Kb / 4P
PN type Photo Diode For Optical Disk Blue-purple Laser Diode monitors
logo
Roithner LaserTechnik G...
LD-450-1400MG ROITHNER-LD-450-1400MG Datasheet
814Kb / 4P
blue laser diode
logo
NICHIA CORPORATION
NDB4216E-E NICHIA-NDB4216E-E Datasheet
145Kb / 3P
Blue Laser Diode
logo
Roithner LaserTechnik G...
RLS4116 ROITHNER-RLS4116 Datasheet
848Kb / 4P
Blue laser diode
RLT4XX-50CMG ROITHNER-RLT4XX-50CMG Datasheet
591Kb / 3P
Blue Laser Diode
SHD4580MG ROITHNER-SHD4580MG Datasheet
429Kb / 3P
Blue Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com